Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 553 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 553 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 549Page - Renesas Technology Corp SH7616 Datasheet HTML 550Page - Renesas Technology Corp SH7616 Datasheet HTML 551Page - Renesas Technology Corp SH7616 Datasheet HTML 552Page - Renesas Technology Corp SH7616 Datasheet HTML 553Page - Renesas Technology Corp SH7616 Datasheet HTML 554Page - Renesas Technology Corp SH7616 Datasheet HTML 555Page - Renesas Technology Corp SH7616 Datasheet HTML 556Page - Renesas Technology Corp SH7616 Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 527 of 906
REJ09B0292-0200
Bits 1 and 0—Clock Select (CKS1, CKS0): These bits select whether to use an external clock or
one of three internal clocks for input to FRC. The external clock is counted at the rising edge.
Bit 1: CKS1
Bit 0: CKS0
Description
0
0
Internal clock: count at
φ/8
(Initial value)
1
Internal clock: count at
φ/32
1
0
Internal clock: count at
φ/128
1
External clock: count at rising edge
12.2.7
Timer Output Compare Control Register (TOCR)
Bit:
76543210
———
OCRS
——
OLVLA
OLVLB
Initial value:
11100000
R/W:
R
R
R
R/W
R
R
R/W
R/W
TOCR is an 8-bit read/write register that selects the output level for output compare and controls
switching between access of output compare registers A and B. TOCR is initialized to H'E0 by a
reset, in standby mode, and when the module standby function is used.
Bits 7 to 5—Reserved: These bits are always read as 1. The write value should always be 1.
Bit 4—Output Compare Register Select (OCRS): OCRA and OCRB share the same address. The
OCRS bit controls which register is selected when reading/writing to this address. It does not
affect the operation of OCRA and OCRB.
Bit 4: OCRS
Description
0
OCRA register selected
(Initial value)
1
OCRB register selected
Bits 3 and 2—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 1—Output Level A (OLVLA): Selects the level output to the output compare A output pin
upon compare match A (signal indicating match of FRC and OCRA).
Bit 1: OLVLA
Description
0
0 output on compare match A
(Initial value)
1
1 output on compare match A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com