Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 546Page - Renesas Technology Corp SH7616 Datasheet HTML 547Page - Renesas Technology Corp SH7616 Datasheet HTML 548Page - Renesas Technology Corp SH7616 Datasheet HTML 549Page - Renesas Technology Corp SH7616 Datasheet HTML 550Page - Renesas Technology Corp SH7616 Datasheet HTML 551Page - Renesas Technology Corp SH7616 Datasheet HTML 552Page - Renesas Technology Corp SH7616 Datasheet HTML 553Page - Renesas Technology Corp SH7616 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 524 of 906
REJ09B0292-0200
Bits 6 to 4—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 3—Output Compare Interrupt A Enable (OCIAE): Selects enabling/disabling of the OCIA
interrupt request when the output compare flag A (OCFA) in FTCSR is set to 1.
Bit 3: OCIAE
Description
0
Interrupt request (OCIA) caused by OCFA disabled
(Initial value)
1
Interrupt request (OCIA) caused by OCFA enabled
Bit 2—Output Compare Interrupt B Enable (OCIBE): Selects enabling/disabling of the OCIB
interrupt request when the output compare flag B (OCFB) in FTCSR is set to 1.
Bit 2: OCIBE
Description
0
Interrupt request (OCIB) caused by OCFB disabled
(Initial value)
1
Interrupt request (OCIB) caused by OCFB enabled
Bit 1—Timer Overflow Interrupt Enable (OVIE): Selects enabling/disabling of the OVI interrupt
request when the overflow flag (OVF) in FTCSR is set to 1.
Bit 1: OVIE
Description
0
Interrupt request (OVI) caused by OVF disabled
(initial value)
1
Interrupt request (OVI) caused by OVF enabled
Bit 0—Reserved: This bit is always read as 1. The write value should always be 1.
12.2.5
Free-Running Timer Control/Status Register (FTCSR)
Bit:
76543210
ICF
—
—
—
OCFA
OCFB
OVF
CCLRA
Initial value:
00000000
R/W:
R/(W)*
RRR
R/(W)*
R/(W)*
R/(W)*
R/W
Note: * For bits 7, and 3 to 1, the only value that can be written is 0 (to clear the flags).
FTCSR is an 8-bit register that selects counter clearing and controls interrupt request signals.
FTCSR is initialized to H'00 by a reset, in standby mode, and when the module standby function is
used. See section 12.4, Operation, for the timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com