Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 548Page - Renesas Technology Corp SH7616 Datasheet HTML 549Page - Renesas Technology Corp SH7616 Datasheet HTML 550Page - Renesas Technology Corp SH7616 Datasheet HTML 551Page - Renesas Technology Corp SH7616 Datasheet HTML 552Page - Renesas Technology Corp SH7616 Datasheet HTML 553Page - Renesas Technology Corp SH7616 Datasheet HTML 554Page - Renesas Technology Corp SH7616 Datasheet HTML 555Page - Renesas Technology Corp SH7616 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 526 of 906
REJ09B0292-0200
Bit 1—Timer Overflow Flag (OVF): Status flag that indicates when FRC overflows (from H'FFFF
to H'0000). This flag is cleared by software and set by hardware. It cannot be set by software.
Bit 1: OVF
Description
0
[Clearing condition]
When OVF is read while set to 1, and then 0 is written to it
(Initial value)
1
[Setting condition]
When the FRC value changes from H'FFFF to H'0000
Bit 0—Counter Clear A (CCLRA): Selects whether or not to clear FRC on compare match A
(signal indicating match of FRC and OCRA).
Bit 0: CCLRA
Description
0
FRC clear disabled
(Initial value)
1
FRC cleared on compare match A
12.2.6
Timer Control Register (TCR)
Bit:
76543210
IEDG
—————
CKS1
CKS0
Initial value:
00000000
R/W:
R/W
RRRRR
R/W
R/W
TCR is an 8-bit read/write register that selects the input edge for input capture and selects the
input clock for FRC. TCR is initialized to H'00 by a reset, in standby mode, and when the module
standby function is used.
Bit 7—Input Edge Select (IEDG): Selects whether to capture the input capture input (FTI) on the
falling edge or rising edge.
Bit 7: IEDG
Description
0
Input captured on falling edge
(Initial value)
1
Input captured on rising edge
Bits 6 to 2—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com