Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 549 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 549 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 545Page - Renesas Technology Corp SH7616 Datasheet HTML 546Page - Renesas Technology Corp SH7616 Datasheet HTML 547Page - Renesas Technology Corp SH7616 Datasheet HTML 548Page - Renesas Technology Corp SH7616 Datasheet HTML 549Page - Renesas Technology Corp SH7616 Datasheet HTML 550Page - Renesas Technology Corp SH7616 Datasheet HTML 551Page - Renesas Technology Corp SH7616 Datasheet HTML 552Page - Renesas Technology Corp SH7616 Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 523 of 906
REJ09B0292-0200
OCR is initialized to H'FFFF by a reset, in standby mode, and when the module standby function
is used.
12.2.3
Input Capture Register (FICR)
Bit:
15
14
13
…
3210
…
Initial value:
000
…
0000
R/W:
RRR
…
RRRR
FICR is a 16-bit read-only register. When a rising edge or falling edge of the input capture signal
(FTI pin) is detected, the current FRC value is transferred to FICR. At the same time, the input
capture flag (ICF) in FTCSR is set to 1. The edge of the input signal can be selected using the
input edge select bit (IEDG) in TCR.
Because FICR is a 16-bit register, data transfers involving the CPU are performed via a temporary
register (TEMP). See Section 12.3, CPU Interface, for more detailed information. To ensure that
the input capture operation is reliably performed, set the pulse width of the input capture input
signal to six system clocks (
φ) or more.
FICR is initialized to H'0000 by a reset, in standby mode, and when the module standby function
is used.
12.2.4
Timer Interrupt Enable Register (TIER)
Bit:
76543210
ICIE
—
—
—
OCIAE
OCIBE
OVIE
—
Initial value:
00000001
R/W:
R/W
R
R
R
R/W
R/W
R/W
R
TIER is an 8-bit read/write register that controls enabling of all interrupt requests. TIER is
initialized to H'01 by a reset, in standby mode, and when the module standby function is used.
Bit 7—Input Capture Interrupt Enable (ICIE): Selects enabling/disabling of the ICI interrupt
request when the input capture flag (ICF) in FTCSR is set to 1.
Bit 7: ICIE
Description
0
Interrupt request (ICI) caused by ICF disabled
(Initial value)
1
Interrupt request (ICI) caused by ICF enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com