Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 541Page - Renesas Technology Corp SH7616 Datasheet HTML 542Page - Renesas Technology Corp SH7616 Datasheet HTML 543Page - Renesas Technology Corp SH7616 Datasheet HTML 544Page - Renesas Technology Corp SH7616 Datasheet HTML 545Page - Renesas Technology Corp SH7616 Datasheet HTML 546Page - Renesas Technology Corp SH7616 Datasheet HTML 547Page - Renesas Technology Corp SH7616 Datasheet HTML 548Page - Renesas Technology Corp SH7616 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 519 of 906
REJ09B0292-0200
Section 12 16-Bit Free-Running Timer (FRT)
12.1
Overview
A single-channel, 16-bit free-running timer (FRT) is included on-chip. The FRT is based on a
16-bit free-running counter (FRC) and can output two types of independent waveforms. The FRT
can also measure the width of input pulses and the cycle of external clocks.
12.1.1
Features
The FRT has the following features:
• Choice of four counter input clocks
The counter input clock can be selected from three internal clocks (P
φ/8, Pφ/32, Pφ/128) and
an external clock (enabling external event counting).
• Two independent comparators
Two waveform outputs can be generated.
• Input capture
Choice of rising edge or falling edge
• Counter clear specification
The counter value can be cleared by compare match A.
• Four interrupt sources
Two compare match sources, one input capture source, and one overflow source can issue requests
independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com