Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 547 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 547 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 543Page - Renesas Technology Corp SH7616 Datasheet HTML 544Page - Renesas Technology Corp SH7616 Datasheet HTML 545Page - Renesas Technology Corp SH7616 Datasheet HTML 546Page - Renesas Technology Corp SH7616 Datasheet HTML 547Page - Renesas Technology Corp SH7616 Datasheet HTML 548Page - Renesas Technology Corp SH7616 Datasheet HTML 549Page - Renesas Technology Corp SH7616 Datasheet HTML 550Page - Renesas Technology Corp SH7616 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 521 of 906
REJ09B0292-0200
12.1.3
Pin Configuration
Table 12.1 lists FRT I/O pins and their functions.
Table 12.1 Pin Configuration
Channel
Pin
I/O
Function
Counter clock input pin
FTCI
I
FRC counter clock input pin
Output compare A output pin
FTOA
O
Output pin for output compare A
Output compare B output pin
FTOB
O
Output pin for output compare B
Input capture input pin
FTI
I
Input pin for input capture
12.1.4
Register Configuration
Table 12.2 shows the FRT register configuration.
Table 12.2 Register Configuration
Register
Abbreviation
R/W
Initial
Value
Address
Timer interrupt enable register
TIER
R/W
H'01
HFFFFFE10
Free-running timer control/status register FTCSR
R/(W)*
1
H'00
HFFFFFE11
Free-running counter H
FRC H
R/W
H'00
HFFFFFE12
Free-running counter L
FRC L
R/W
H'00
HFFFFFE13
Output compare register A H
OCRA H
R/W
H'FF
HFFFFFE14*
2
Output compare register A L
OCRA L
R/W
H'FF
HFFFFFE15*
2
Output compare register B H
OCRB H
R/W
H'FF
HFFFFFE14*
2
Output compare register B L
OCRB L
R/W
H'FF
HFFFFFE15*
2
Timer control register
TCR
R/W
H'00
HFFFFFE16
Timer output compare control register
TOCR
R/W
H'E0
HFFFFFE17
Input capture register H
FICR H
R
H'00
HFFFFFE18
Input capture register L
FICR L
R
H'00
HFFFFFE19
Notes: Use byte-size access for all registers.
1. Bits 7 to 1 are read-only. The only value that can be written is a 0, which is used to
clear flags. Bit 0 can be read or written.
2. OCRA and OCRB have the same address. The OCRS bit in TOCR is used to switch
between them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com