Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 544Page - Renesas Technology Corp SH7616 Datasheet HTML 545Page - Renesas Technology Corp SH7616 Datasheet HTML 546Page - Renesas Technology Corp SH7616 Datasheet HTML 547Page - Renesas Technology Corp SH7616 Datasheet HTML 548Page - Renesas Technology Corp SH7616 Datasheet HTML 549Page - Renesas Technology Corp SH7616 Datasheet HTML 550Page - Renesas Technology Corp SH7616 Datasheet HTML 551Page - Renesas Technology Corp SH7616 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 522 of 906
REJ09B0292-0200
12.2
Register Descriptions
12.2.1
Free-Running Counter (FRC)
Bit:
15
14
13
…
3210
…
Initial value:
000
…
0000
R/W:
R/W
R/W
R/W
…
R/W
R/W
R/W
R/W
FRC is a 16-bit read/write register. It increments upon input of a clock. The input clock can be
selected using clock select bits 1 and 0 (CKS1, CKS0) in TCR. FRC can be cleared upon compare
match A.
When FRC overflows (H'FFFF
→ H'0000), the overflow flag (OVF) in FTCSR is set to 1. FRC
can be read or written to by the CPU, but because it is 16 bits long, data transfers involving the
CPU are performed via a temporary register (TEMP). See section 12.3, CPU Interface, for more
detailed information.
FRC is initialized to H'0000 by a reset, in standby mode, and when the module standby function is
used.
12.2.2
Output Compare Registers A and B (OCRA and OCRB)
Bit:
15
14
13
…
3210
…
Initial value:
111
…
1111
R/W:
R/W
R/W
R/W
…
R/W
R/W
R/W
R/W
OCR is composed of two 16-bit read/write registers (OCRA and OCRB). The contents of OCR are
always compared to the FRC value. When the two values are the same, the output compare flags
in FTCSR (OCFA and OCFB) are set to 1.
When the OCR and FRC values are the same (compare match), the output level values set in the
output level bits (OLVLA and OLVLB) are output to the output compare pins (FTOA and FTOB).
After a reset, FTOA and FTOB output 0 until the first compare match occurs.
Because OCR is a 16-bit register, data transfers involving the CPU are performed via a temporary
register (TEMP). See section 12.3, CPU Interface, for more detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com