Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 562 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 562 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 558Page - Renesas Technology Corp SH7616 Datasheet HTML 559Page - Renesas Technology Corp SH7616 Datasheet HTML 560Page - Renesas Technology Corp SH7616 Datasheet HTML 561Page - Renesas Technology Corp SH7616 Datasheet HTML 562Page - Renesas Technology Corp SH7616 Datasheet HTML 563Page - Renesas Technology Corp SH7616 Datasheet HTML 564Page - Renesas Technology Corp SH7616 Datasheet HTML 565Page - Renesas Technology Corp SH7616 Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 536 of 906
REJ09B0292-0200
12.5
Interrupt Sources
There are four FRT interrupt sources of three types (ICI, OCIA/OCIB, and OVI). Table 12.3 lists
the interrupt sources and their priorities after a reset is cleared. The interrupt enable bits in TIER
are used to enable or disable the interrupt bits. Each interrupt request is sent to the interrupt
controller independently. See section 5, Interrupt Controller (INTC), for more information about
priorities and the relationship to interrupts other than those of the FRT.
Table 12.3 FRT Interrupt Sources and Priorities
Interrupt Source
Description
Priority
ICI
Interrupt by ICF
High
OCIA, OCIB
Interrupt by OCFA or OCFB
↑↓
OVI
Interrupt by OVF
Low
12.6
Example of FRT Use
Figure 12.13 shows an example in which pulses with a 50% duty factor and arbitrary phase
relationship are output. The procedure is as follows:
1. Set the CCLRA bit in FTCSR to 1.
2. The OLVLA and OLVLB bits are inverted by software whenever a compare match occurs.
H'FFFF
OCRA
OCRB
H'0000
FTOA
FTOB
FRC
Counter clear
Figure 12.13 Example of Pulse Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com