Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 566 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 566 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 562Page - Renesas Technology Corp SH7616 Datasheet HTML 563Page - Renesas Technology Corp SH7616 Datasheet HTML 564Page - Renesas Technology Corp SH7616 Datasheet HTML 565Page - Renesas Technology Corp SH7616 Datasheet HTML 566Page - Renesas Technology Corp SH7616 Datasheet HTML 567Page - Renesas Technology Corp SH7616 Datasheet HTML 568Page - Renesas Technology Corp SH7616 Datasheet HTML 569Page - Renesas Technology Corp SH7616 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 935 page
background image
Section 12 16-Bit Free-Running Timer (FRT)
Rev. 2.00 Mar 09, 2006 page 540 of 906
REJ09B0292-0200
12.7.4
Internal Clock Switching and Counter Operation
FRC will sometimes begin incrementing because of the timing of switching between internal
clocks. Table 12.4 shows the relationship between internal clock switching timing (CKS1 and
CKS0 bit rewrites) and FRC operation.
When an internal clock is used, the FRC clock is generated when the falling edge of an internal
clock (created by dividing the system clock (
φ)) is detected. When a clock is switched to high
before the switching and to low after switching, as shown in case 3 in table 12.4, the switchover is
considered a falling edge and an FRC clock pulse is generated, causing FRC to increment. FRC
may also increment when switching between an internal clock and an external clock.
Table 12.4 Internal Clock Switching and FRC Operation
No.
Timing of Rewrite of
CKS1 and CKS0 Bits
FRC Operation
1
Low-to-low switch
Clock before
switching
Clock after
switching
FRC clock
FRC
N
N + 1
Rewrite of CKS bit
2
Low-to-high switch
N
N + 1
N + 2
Clock before
switching
Clock after
switching
FRC clock
FRC
Rewrite of CKS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com