Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 569 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 569 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 565Page - Renesas Technology Corp SH7616 Datasheet HTML 566Page - Renesas Technology Corp SH7616 Datasheet HTML 567Page - Renesas Technology Corp SH7616 Datasheet HTML 568Page - Renesas Technology Corp SH7616 Datasheet HTML 569Page - Renesas Technology Corp SH7616 Datasheet HTML 570Page - Renesas Technology Corp SH7616 Datasheet HTML 571Page - Renesas Technology Corp SH7616 Datasheet HTML 572Page - Renesas Technology Corp SH7616 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 935 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 2.00 Mar 09, 2006 page 543 of 906
REJ09B0292-0200
Section 13 Watchdog Timer (WDT)
13.1
Overview
A single-channel watchdog timer (WDT) is provided on-chip for monitoring system operations. If
a system becomes uncontrolled and the timer counter overflows without being rewritten correctly
by the CPU, an overflow signal (
WDTOVF) is output externally. The WDT can simultaneously
generate an internal reset signal for the entire chip.
When this watchdog function is not needed, the WDT can be used as an interval timer. In the
interval timer operation, an interval timer interrupt is generated at each counter overflow. The
WDT is also used when recovering from standby mode, in modifying a clock frequency, and in
clock pause mode.
13.1.1
Features
The WDT includes the following features.
• Can be switched between watchdog timer mode and interval timer mode.
• WDTOVF output in watchdog timer mode
The
WDTOVF signal is output externally when the counter overflows, and a simultaneous
internal reset of the chip can also be selected (either a power-on reset or manual reset can be
specified).
• Interrupt generation in interval timer mode
An interval timer interrupt is generated when the counter overflows.
• Used when standby mode is cleared or the clock frequency is changed, and in clock pause
mode.
• Choice of eight counter input clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com