Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 567Page - Renesas Technology Corp SH7616 Datasheet HTML 568Page - Renesas Technology Corp SH7616 Datasheet HTML 569Page - Renesas Technology Corp SH7616 Datasheet HTML 570Page - Renesas Technology Corp SH7616 Datasheet HTML 571Page - Renesas Technology Corp SH7616 Datasheet HTML 572Page - Renesas Technology Corp SH7616 Datasheet HTML 573Page - Renesas Technology Corp SH7616 Datasheet HTML 574Page - Renesas Technology Corp SH7616 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 935 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 2.00 Mar 09, 2006 page 545 of 906
REJ09B0292-0200
13.1.4
Register Configuration
Table 13.2 summarizes the three WDT registers. They are used to select the clock, switch the
WDT mode, and control the reset signal.
Table 13.2 Register Configuration
Address
Name
Abbreviation R/W
Initial Value
Write*
1
Read*
2
Watchdog timer
control/status register
WTCSR
R/(W)*
3
H'18
H'FFFFFE80
H'FFFFFE80
Watchdog timer
counter
WTCNT
R/W
H'00
H'FFFFFE80
H'FFFFFE81
Reset control/status
register
RSTCSR
R/(W)*
3
H'1D
H'FFFFFE82
H'FFFFFE83
Notes: 1. Write by word access. It cannot be written by byte or longword access.
2. Read by byte access. The correct value cannot be read by word or longword access.
3. Only 0 can be written in bit 7 to clear the flag.
13.2
Register Descriptions
13.2.1
Watchdog Timer Counter (WTCNT)
Bit:
76543210
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
WTCNT is an 8-bit read/write register. The method of writing to WTCNT differs from that of
most other registers to prevent inadvertent rewriting. See section 13.2.4, Notes on Register Access,
for details. When the timer enable bit (TME) in the watchdog timer control/status register
(WTCSR) is set to 1, the watchdog timer counter starts counting pulses of an internal clock source
selected by clock select bits 2 to 0 (CKS2 to CKS0) in WTCSR. When the value of WTCNT
overflows (changes from H'FF to H'00), a watchdog timer overflow signal (
WDTOVF) or interval
timer interrupt (ITI) is generated, depending on the mode selected in the WT/
IT bit in WTCSR.
WTCNT is initialized to H'00 by a reset and when the TME bit is cleared to 0. It is not initialized
in standby mode, when the clock frequency is changed, or in clock pause mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com