Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 569Page - Renesas Technology Corp SH7616 Datasheet HTML 570Page - Renesas Technology Corp SH7616 Datasheet HTML 571Page - Renesas Technology Corp SH7616 Datasheet HTML 572Page - Renesas Technology Corp SH7616 Datasheet HTML 573Page - Renesas Technology Corp SH7616 Datasheet HTML 574Page - Renesas Technology Corp SH7616 Datasheet HTML 575Page - Renesas Technology Corp SH7616 Datasheet HTML 576Page - Renesas Technology Corp SH7616 Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 935 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 2.00 Mar 09, 2006 page 547 of 906
REJ09B0292-0200
Bit 5—Timer Enable (TME): Enables or disables the timer.
Bit 5: TME
Description
0
Timer disabled: WTCNT is initialized to H'00 and count-up stops
(Initial value)
1
Timer enabled: WTCNT starts counting. A
WDTOVF signal or interrupt
is generated when WTCNT overflows
Bits 4 and 3—Reserved: These bits are always read as 1. The write value should always be 1.
Bits 2 to 0—Clock Select 2 to 0 (CKS2 to CKS0): These bits select one of eight internal clock
sources for input to WTCNT. The clock signals are obtained by dividing the frequency of the
system clock (
φ).
Description
Bit 2: CKS2 Bit 1: CKS1 Bit 0: CKS0 Clock Source
Overflow Interval* (
φφφφ = 60 MHz)
00
0
φ/4 (Initial value)
17.0 µs
1
φ/128
544 µs
10
φ/256
1.1 ms
1
φ/512
2.2 ms
10
0
φ/1024
4.4 ms
1
φ/2048
8.7 ms
10
φ/8192
34.8 ms
1
φ/16384
69.6 ms
Note: * The overflow interval listed is the time from when the WTCNT begins counting at H'00 until
an overflow occurs.
13.2.3
Reset Control/Status Register (RSTCSR)
Bit:
76543210
WOVF
RSTE
RSTS
—————
Initial value:
00011101
R/W:
R/(W)*
R/W
R/W
RRRRR
Note: * Only 0 can be written in bit 7, to clear the flag.
RSTCSR is an 8-bit read/write register that controls output of the reset signal generated by
watchdog timer counter (WTCNT) overflow and selects the internal reset signal type. The method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com