Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 572Page - Renesas Technology Corp SH7616 Datasheet HTML 573Page - Renesas Technology Corp SH7616 Datasheet HTML 574Page - Renesas Technology Corp SH7616 Datasheet HTML 575Page - Renesas Technology Corp SH7616 Datasheet HTML 576Page - Renesas Technology Corp SH7616 Datasheet HTML 577Page - Renesas Technology Corp SH7616 Datasheet HTML 578Page - Renesas Technology Corp SH7616 Datasheet HTML 579Page - Renesas Technology Corp SH7616 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 935 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 2.00 Mar 09, 2006 page 550 of 906
REJ09B0292-0200
Writing 0 to the WOVF bit
15
8 7
0
Address:
H'FFFFFE82
H'A5
H'00
Writing to the RSTE and RSTS bits
15
8 7
0
Address:
H'FFFFFE82
H'5A
Write data
Figure 13.3 Writing to RSTCSR
Reading from WTCNT, WTCSR, and RSTCSR: WTCNT, WTCSR, and RSTCSR are read
like other registers. Use byte transfer instructions. The read addresses are H'FFFFFE80 for
WTCSR, H'FFFFFE81 for WTCNT, and H'FFFFFE83 for RSTCSR.
13.3
Operation
13.3.1
Operation in Watchdog Timer Mode
To use the WDT as a watchdog timer, set the WT/
IT and TME bits in WTCSR to 1. Software
must prevent WTCNT overflow by rewriting the WTCNT value (normally by writing H'00) before
overflow occurs. Thus, WTCNT will not overflow while the system is operating normally, but if
WTCNT fails to be rewritten and overflows occur due to a system crash or the like, a
WDTOVF
signal is output (figure 13.4). The
WDTOVF signal can be used to reset the system. The
WDTOVF signal is output for 512 φ clock cycles.
If the RSTE bit in RSTCSR is set to 1, a signal to reset the chip will be generated internally
simultaneously with the
WDTOVF signal when WTCNT overflows. Either a power-on reset or a
manual reset can be selected by the RSTS bit. The internal reset signal is output for 2048
φ clock
cycles.
If a reset due to the input signal from the
RES pin and a reset due to WDT overflow occur
simultaneously, the
RES reset takes priority and the WOVF bit in RSTCSR is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com