Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 570Page - Renesas Technology Corp SH7616 Datasheet HTML 571Page - Renesas Technology Corp SH7616 Datasheet HTML 572Page - Renesas Technology Corp SH7616 Datasheet HTML 573Page - Renesas Technology Corp SH7616 Datasheet HTML 574Page - Renesas Technology Corp SH7616 Datasheet HTML 575Page - Renesas Technology Corp SH7616 Datasheet HTML 576Page - Renesas Technology Corp SH7616 Datasheet HTML 577Page - Renesas Technology Corp SH7616 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 935 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 2.00 Mar 09, 2006 page 548 of 906
REJ09B0292-0200
of writing to RSTCSR differs from that of most other registers to prevent inadvertent rewriting.
See section 13.2.4, Notes on Register Access, for details. RSTCR is initialized to H'1D by input of
a reset signal from the
RES pin, but is not initialized by the internal reset signal generated by
overflow of the WDT. It is initialized to H'1D in standby mode, when the clock frequency is
changed, and in clock pause mode.
Bit 7—Watchdog Timer Overflow Flag (WOVF): Indicates that WTCNT has overflowed (from
H'FF to H'00) in watchdog timer mode. It is not set in interval timer mode.
Bit 7: WOVF
Description
0
No WTCNT overflow in watchdog timer mode
(Initial value)
Cleared by reading WOVF, then writing 0 in WOVF
1
Set by WTCNT overflow in watchdog timer mode
Bit 6—Reset Enable (RSTE): Selects whether to reset the chip internally if WTCNT overflows in
watchdog timer mode.
Bit 6: RSTE
Description
0
Not reset when WTCNT overflows
(Initial value)
LSI not reset internally, but WTCNT and WTCSR reset within WDT
1
Reset when WTCNT overflows
Bit 5—Reset Select (RSTS): Selects the type of internal reset generated if WTCNT overflows in
watchdog timer mode.
Bit 5: RSTS
Description
0
Power-on reset
(Initial value)
1
Manual reset
Bits 4 to 2, bit 0—Reserved: These bits are always read as 1. The write value should always be 1.
Bit 1— Reserved: This bit is always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com