Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 581 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 581 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 577Page - Renesas Technology Corp SH7616 Datasheet HTML 578Page - Renesas Technology Corp SH7616 Datasheet HTML 579Page - Renesas Technology Corp SH7616 Datasheet HTML 580Page - Renesas Technology Corp SH7616 Datasheet HTML 581Page - Renesas Technology Corp SH7616 Datasheet HTML 582Page - Renesas Technology Corp SH7616 Datasheet HTML 583Page - Renesas Technology Corp SH7616 Datasheet HTML 584Page - Renesas Technology Corp SH7616 Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 935 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 2.00 Mar 09, 2006 page 555 of 906
REJ09B0292-0200
13.4.4
System Reset with
WDTOVF
WDTOVF
WDTOVF
WDTOVF
If a
WDTOVF signal is input to the RES pin, the device cannot initialize correctly. Avoid logical
input of the
WDTOVF output signal to the RES input pin. To reset the entire system with the
WDTOVF signal, use the circuit shown in figure 13.9.
Reset input
Reset signal to
entire system
Chip
RES
WDTOVF
Figure 13.9 Example of Circuit for System Reset with
WDTOVF
WDTOVF
WDTOVF
WDTOVF Signal
13.4.5
Internal Reset in Watchdog Timer Mode
If the RSTE bit is cleared to 0 in watchdog timer mode, the chip will not reset internally when a
WTCNT overflow occurs, but WTCNT and WTCSR in the WDT will reset.
When using sleep mode, do not use internal reset. Instead, use the
RES pin for resetting. (See
section13.4.4, System Reset with
WDTOVF.)
Internal reset can be used only when sleep mode is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com