Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 579Page - Renesas Technology Corp SH7616 Datasheet HTML 580Page - Renesas Technology Corp SH7616 Datasheet HTML 581Page - Renesas Technology Corp SH7616 Datasheet HTML 582Page - Renesas Technology Corp SH7616 Datasheet HTML 583Page - Renesas Technology Corp SH7616 Datasheet HTML 584Page - Renesas Technology Corp SH7616 Datasheet HTML 585Page - Renesas Technology Corp SH7616 Datasheet HTML 586Page - Renesas Technology Corp SH7616 Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 557 of 906
REJ09B0292-0200
Section 14 Serial Communication Interface with FIFO
(SCIF)
14.1
Overview
The SH7616 is equipped with a two-channel serial communication interface with built-in FIFO
buffers (SCIF: SCI with FIFO). The SCIF can handle both asynchronous and synchronous serial
communication. A function is also provided for serial communication between processors
(multiprocessor communication function).
An on-chip Infrared Data Association (IrDA) interface based on the IrDA 1.0 system is also
provided, enabling infrared communication.
Sixteen-stage FIFO registers are provided for both transmission and reception, enabling fast,
efficient, and continuous communication.
14.1.1
Features
The SCIF has the following features:
• Choice of synchronous or asynchronous serial communication mode
 Asynchronous mode
Serial data communication is executed using an asynchronous system in which
synchronization is achieved character by character. Serial data communication can be
carried out with standard asynchronous communication chips such as a Universal
Asynchronous Receiver/Transmitter (UART) or Asynchronous Communication Interface
Adapter (ACIA). A multiprocessor communication function is also provided that enables
serial data communication with a number of processors.
There is a choice of 12 serial data communication formats.
• Data length:
7 or 8
• Stop bit length:
1 or 2 bits
• Parity:
Even/odd/none
• Multiprocessor bit:
1 or 0
• Receive error detection: Parity, overrun, and framing errors
• Automatic break detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com