Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 586 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 586 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 582Page - Renesas Technology Corp SH7616 Datasheet HTML 583Page - Renesas Technology Corp SH7616 Datasheet HTML 584Page - Renesas Technology Corp SH7616 Datasheet HTML 585Page - Renesas Technology Corp SH7616 Datasheet HTML 586Page - Renesas Technology Corp SH7616 Datasheet HTML 587Page - Renesas Technology Corp SH7616 Datasheet HTML 588Page - Renesas Technology Corp SH7616 Datasheet HTML 589Page - Renesas Technology Corp SH7616 Datasheet HTML 590Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 560 of 906
REJ09B0292-0200
SCIF
IrDA/SCIF switchover
SCK
IrDA
TxD
TxD
RxD
RxD
Demodulation unit
Modulation unit
Clock input
Transmit clock
Figure 14.2 Diagram of IrDA Block
14.1.3
Pin Configuration
The SCIF has the serial pins shown in table 14.1.
Table 14.1 SCIF Pins
Channel
Name
Abbreviation
I/O
Function
1
Serial clock pin
SCK1
Input/
output
Clock input/output
Receive data pin
RxD1
Input
Receive data input
Transmit data pin
TxD1
Output
Transmit data output
Transmit request pin
RTS
Output
Transmit request
Transmit enable pin
CTS
Input
Transmit enable
2
Serial clock pin
SCK2
Input/
output
Clock input/output
Receive data pin
RxD2
Input
Receive data input
Transmit data pin
TxD2
Output
Transmit data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com