Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 584Page - Renesas Technology Corp SH7616 Datasheet HTML 585Page - Renesas Technology Corp SH7616 Datasheet HTML 586Page - Renesas Technology Corp SH7616 Datasheet HTML 587Page - Renesas Technology Corp SH7616 Datasheet HTML 588Page - Renesas Technology Corp SH7616 Datasheet HTML 589Page - Renesas Technology Corp SH7616 Datasheet HTML 590Page - Renesas Technology Corp SH7616 Datasheet HTML 591Page - Renesas Technology Corp SH7616 Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 562 of 906
REJ09B0292-0200
14.2
Register Descriptions
With the exception of the IrDA mode register (SCIMR) and bits 6 to 3 (ICK3 to ICK0) of the
serial mode register (SCSMR), IrDA communication mode settings are the same as for
asynchronous mode.
14.2.1
Receive Shift Register (SCRSR)
Bit:
76
543
210
R/W:
——
———
———
The receive shift register (SCRSR) is the register used to receive serial data.
The SCIF sets serial data input from the RxD pin in SCRSR in the order received, starting with the
LSB (bit 0) or MSB (bit 7), and converts it to parallel data. When one byte of data has been
received, it is transferred to the receive FIFO data register (SCFRDR) automatically.
SCRSR cannot be read or written to directly.
14.2.2
Receive FIFO Data Register (SCFRDR)
Bit:
76
543
210
R/W:
RR
RRR
RRR
The receive FIFO data register (SCFRDR) is a 16-stage FIFO register (8 bits per stage) that stores
received serial data.
When the SCIF has received one byte of serial data, it transfers the received data from SCRSR to
SCFRDR where it is stored, and completes the receive operation. SCRSR is then enabled for
reception, and consecutive receive operations can be performed until the receive FIFO data
register is full (16 data bytes).
SCFRDR is a read-only register, and cannot be written to.
If a read is performed when there is no receive data in the receive FIFO data register, an undefined
value will be returned. When the receive FIFO data register is full of receive data, subsequent
serial data is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com