Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 591 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 591 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 587Page - Renesas Technology Corp SH7616 Datasheet HTML 588Page - Renesas Technology Corp SH7616 Datasheet HTML 589Page - Renesas Technology Corp SH7616 Datasheet HTML 590Page - Renesas Technology Corp SH7616 Datasheet HTML 591Page - Renesas Technology Corp SH7616 Datasheet HTML 592Page - Renesas Technology Corp SH7616 Datasheet HTML 593Page - Renesas Technology Corp SH7616 Datasheet HTML 594Page - Renesas Technology Corp SH7616 Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 565 of 906
REJ09B0292-0200
Bit 5—Parity Enable (PE)/IrDA Clock Select 2 (ICK2): In asynchronous mode, selects whether or
not parity bit addition is performed in transmission, and parity bit checking in reception. In
synchronous mode, parity bit addition and checking is not performed, regardless of the PE bit
setting.
Bit 5: PE
Description
0
Parity bit addition and checking disabled
(Initial value)
1
Parity bit addition and checking enabled*
Note: * When the PE bit is set to 1, the parity (even or odd) specified by the O/
E bit is added to
transmit data before transmission. In reception, the parity bit is checked for the parity (even
or odd) specified by the O/
E bit.
In IrDA communication mode, bit 5 is the IrDA clock select 2 (ICK2) bit, enabling appropriate
clock pulses to be generated according to its setting. See Pulse Width Selection, in section 14.3.6,
Operation in IrDA Mode, for details.
Bit 4—Parity Mode (O/
E)/IrDA Clock Select 1 (ICK1): Selects either even or odd parity for use in
parity addition and checking. The O/
E bit setting is only valid when the PE bit is set to 1, enabling
parity bit addition and checking, in asynchronous mode. The O/
E bit setting is invalid in
synchronous mode, and when parity addition and checking is disabled in asynchronous mode.
Bit 4: O/
E
EE
E
Description
0
Even parity*
1
(Initial value)
1
Odd parity*
2
Notes: 1. When even parity is set, parity bit addition is performed in transmission so that the total
number of 1-bits in the transmit character plus the parity bit is even. In reception, a
check is performed to see if the total number of 1-bits in the receive character plus the
parity bit is even.
2. When odd parity is set, parity bit addition is performed in transmission so that the total
number of 1-bits in the transmit character plus the parity bit is odd. In reception, a check
is performed to see if the total number of 1-bits in the receive character plus the parity
bit is odd.
In IrDA communication mode, bit 4 is the IrDA clock select 1 (ICK1) bit, enabling appropriate
clock pulses to be generated according to its setting. See Pulse Width Selection, in section 14.3.6,
Operation in IrDA Mode, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com