Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 593 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 593 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 589Page - Renesas Technology Corp SH7616 Datasheet HTML 590Page - Renesas Technology Corp SH7616 Datasheet HTML 591Page - Renesas Technology Corp SH7616 Datasheet HTML 592Page - Renesas Technology Corp SH7616 Datasheet HTML 593Page - Renesas Technology Corp SH7616 Datasheet HTML 594Page - Renesas Technology Corp SH7616 Datasheet HTML 595Page - Renesas Technology Corp SH7616 Datasheet HTML 596Page - Renesas Technology Corp SH7616 Datasheet HTML 597Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 567 of 906
REJ09B0292-0200
For the relationship between the clock source, the bit rate register setting, and the baud rate, see
section 14.2.9, Bit Rate Register (SCBRR).
Bit 1:
CKS1
Bit 0:
CKS0
Description
00P
φ clock
(Initial value)
1P
φ/4 clock
10P
φ/16 clock
1P
φ/64 clock
Note: P
φ = peripheral clock
14.2.6
Serial Control Register (SCSCR)
Bit:
76
543
210
TIE
RIE
TE
RE
MPIE
—
CKE1
CKE0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
The serial control register (SCSCR) performs enabling or disabling of SCIF transmit/receive
operations, serial clock output in asynchronous mode, and interrupt requests, and selection of the
transmit/receive clock source.
SCSCR can be read or written to by the CPU at all times.
SCSCR is initialized to H'00 by a reset, by the module standby function, and in standby mode.
Bit 7—Transmit Interrupt Enable (TIE): Enables or disables transmit-FIFO-data-empty interrupt
(TXI) request generation when, after serial transmit data is transferred from the transmit FIFO data
register (SCFTDR) to the transmit shift register (SCTSR), the number of data bytes in SCFTDR
falls to or below the transmit trigger set number, and the TDFE flag is set to 1 in the serial status 1
register (SC1SSR).
Bit 7: TIE
Description
0
Transmit-FIFO-data-empty interrupt (TXI) request disabled*
(Initial value)
1
Transmit-FIFO-data-empty interrupt (TXI) request enabled
Note: * TXI interrupt requests can be cleared by writing transmit data exceeding the transmit trigger
set number to SCFTDR, reading 1 from the TDFE flag, then clearing it to 0, or by clearing
the TIE bit to 0. When transmit data is written to SCFTDR using the on-chip DMAC, the
TDFE flag is cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com