Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 596 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 596 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 592Page - Renesas Technology Corp SH7616 Datasheet HTML 593Page - Renesas Technology Corp SH7616 Datasheet HTML 594Page - Renesas Technology Corp SH7616 Datasheet HTML 595Page - Renesas Technology Corp SH7616 Datasheet HTML 596Page - Renesas Technology Corp SH7616 Datasheet HTML 597Page - Renesas Technology Corp SH7616 Datasheet HTML 598Page - Renesas Technology Corp SH7616 Datasheet HTML 599Page - Renesas Technology Corp SH7616 Datasheet HTML 600Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 570 of 906
REJ09B0292-0200
Bit 1:
CKE1
Bit 0:
CKE0
Description
0
0
Asynchronous mode
Internal clock/SCK pin functions as input pin (input
signal ignored)*
1
Synchronous mode
Internal clock/SCK pin functions as serial clock
output*
1
1
Asynchronous mode
Internal clock/SCK pin functions as clock output*
2
Synchronous mode
Internal clock/SCK pin functions as serial clock
output
1
*4
Asynchronous mode
External clock/SCK pin functions as clock input*
3
Synchronous mode
External clock/SCK pin functions as serial clock
input
Notes: 1. Initial value
2. Outputs a clock with a frequency of 16/8/4 times the bit rate.
3. Inputs a clock with a frequency of 16/8/4 times the bit rate.
4. Don’t care
14.2.7
Serial Status 1 Register (SC1SSR)
Bit:
15
14
13
12
11
10
9
8
PER3
PER2
PER1
PER0
FER3
FER2
FER1
FER0
Initial value:
00
000
000
R/W:
RR
RRR
RRR
Bit:
76
543
210
ER
TEND
TDFE
BRK
FER
PER
RDF
DR
Initial value:
01
100
000
R/W:
R/(W)*
RR/(W)*
R/(W)*
RR
R/(W)*
R/(W)*
Note: * Only 0 can be written, to clear the flag.
The serial status 1 register (SC1SSR) is a 16-bit register in which the lower 8 bits consist of status
flags that indicate the operating status of the SCIF, and the upper 8 bits indicate the number of
receive errors in the data in the receive FIFO register.
SC1SSR can be read or written to at all times. However, 1 cannot be written to the ER, TDFE,
BRK, RDF, and DR status flags. Also note that in order to clear these flags to 0, they must first be
read as 1. The TEND, FER, and PER flags are read-only and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com