Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 594Page - Renesas Technology Corp SH7616 Datasheet HTML 595Page - Renesas Technology Corp SH7616 Datasheet HTML 596Page - Renesas Technology Corp SH7616 Datasheet HTML 597Page - Renesas Technology Corp SH7616 Datasheet HTML 598Page - Renesas Technology Corp SH7616 Datasheet HTML 599Page - Renesas Technology Corp SH7616 Datasheet HTML 600Page - Renesas Technology Corp SH7616 Datasheet HTML 601Page - Renesas Technology Corp SH7616 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 572 of 906
REJ09B0292-0200
Bit 6—Transmit End (TEND): Indicates that there is no valid data in SCFTDR when the last bit of
the transmit character is sent, and transmission has been ended.
Bit 6: TEND
Description
0
Transmission is in progress
[Clearing condition]
When data is written to SCFTDR while TE = 1
1
Transmission has been ended
(Initial value)
[Setting conditions]
• In a reset or in standby mode
• When the TE bit in SCSCR is 0
• When there is no transmit data in SCFTDR on transmission of the last bit of
a 1-byte serial transmit character
Bit 5—Transmit Data FIFO Empty (TDFE): Indicates that data has been transferred from the
transmit FIFO data register (SCFTDR) to the transmit shift register (SCTSR), the number of data
bytes in SCFTDR has fallen to or below the transmit trigger data number set by bits TTRG1 and
TTRG0 in the FIFO control register (SCFCR), and transmit data can be written to SCFTDR.
Bit 5: TDFE
Description
0
A number of transmit data bytes exceeding the transmit trigger set number
have been written to SCFTDR
[Clearing conditions]
• When transmit data exceeding the transmit trigger set number is written to
SCFTDR, and 0 is written to TDFE after reading TDFE = 1
• When transmit data exceeding the transmit trigger set number is written to
SCFTDR by the on-chip DMAC
1
The number of transmit data bytes in SCFTDR does not exceed the transmit
trigger set number
(Initial value)
[Setting conditions]
• In a reset or in standby mode
• When the number of SCFTDR transmit data bytes falls to or below the
transmit trigger set number as the result of a transmit operation*
Note: * As SCFTDR is a 16-byte FIFO register, the maximum number of bytes that can be written
when TDFE = 0 is {16 – (transmit trigger set number)}. Data written in excess of this will be
ignored. The number of data bytes in SCFTDR is indicated by the upper 8 bits of SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com