Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 600 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 600 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 596Page - Renesas Technology Corp SH7616 Datasheet HTML 597Page - Renesas Technology Corp SH7616 Datasheet HTML 598Page - Renesas Technology Corp SH7616 Datasheet HTML 599Page - Renesas Technology Corp SH7616 Datasheet HTML 600Page - Renesas Technology Corp SH7616 Datasheet HTML 601Page - Renesas Technology Corp SH7616 Datasheet HTML 602Page - Renesas Technology Corp SH7616 Datasheet HTML 603Page - Renesas Technology Corp SH7616 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 574 of 906
REJ09B0292-0200
Bit 1—Receive Data Register Full (RDF): Indicates that the received data has been transferred to
the receive FIFO data register (SCFRDR), and the number of receive data bytes in SCFRDR is
equal to or greater than the receive trigger number set by bits RTRG1 and RTRG0 in the FIFO
control register (SCFCR).
Bit 1: RDF
Description
0
The number of receive data bytes in SCFRDR is less than the receive trigger
set number
(Initial value)
[Clearing conditions]
• In a reset or in standby mode
• When SCFRDR is read until the number of receive data bytes in SCFRDR
falls below the receive trigger set number, and 0 is written to RDF after
reading RDF = 1
• When SCFRDR is read by the on-chip DMAC until the number of receive
data bytes in SCFRDR falls below the receive trigger set number
1
The number of receive data bytes in SCFRDR is equal to or greater than the
receive trigger set number
[Setting condition]
When SCFRDR contains at least the receive trigger set number of receive data
bytes
Note: SCFRDR is a 16-byte FIFO register. When RDF = 1, at least the receive trigger set number
of data bytes can be read. If all the data in SCFRDR is read and another read is performed,
the data value will be undefined. The number of receive data bytes in SCFRDR is indicated
by the lower 8 bits of SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com