Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 603 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 603 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 599Page - Renesas Technology Corp SH7616 Datasheet HTML 600Page - Renesas Technology Corp SH7616 Datasheet HTML 601Page - Renesas Technology Corp SH7616 Datasheet HTML 602Page - Renesas Technology Corp SH7616 Datasheet HTML 603Page - Renesas Technology Corp SH7616 Datasheet HTML 604Page - Renesas Technology Corp SH7616 Datasheet HTML 605Page - Renesas Technology Corp SH7616 Datasheet HTML 606Page - Renesas Technology Corp SH7616 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 577 of 906
REJ09B0292-0200
The MPBT bit setting is invalid in synchronous mode and IrDA mode, when a multiprocessor
format is not used, and when the operation is not transmission.
Bit 2: MPBT
Description
0
Data with a 0 multiprocessor bit is transmitted
(Initial value)
1
Data with a 1 multiprocessor bit is transmitted
Bit 1—Receive Data Error Ignore Enable (EI): Selects whether or not the receive operation is to
be continued when a framing error or parity error occurs in receive data (ER = 1).
Bit 1: EI
Description
0
Receive operation is halted when framing error or parity error occurs during
reception (ER = 1)
(Initial value)
1
Receive operation is continued when framing error or parity error occurs during
reception (ER = 1)
Note: When EI = 0, only the last data in SCFRDR is treated as data containing an error. When EI
= 1, receive data is sent to SCFRDR even if it contains an error.
Bit 0—Overrun Error (ORER): Indicates that an overrun error occurred during reception, causing
abnormal termination.
Bit 0: ORER
Description
0
Reception in progress, or reception has ended normally*
1
(Initial value)
[Clearing conditions]
• In a reset or in standby mode
• When 0 is written to ORER after reading ORER = 1
1
An overrun error occurred during reception*
2
[Setting condition]
When the next serial receive operation is completed while there are 16 receive
data bytes in SCFRDR
Notes: 1. The ORER flag is not affected and retains its previous state when the RE bit in SCSCR
is cleared to 0.
2. The receive data prior to the overrun error is retained in SCFRDR, and the data
received subsequently is lost. Serial reception cannot be continued while the ORER flag
is set to 1. Also, serial transmission cannot be continued in synchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com