Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 604 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 604 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 600Page - Renesas Technology Corp SH7616 Datasheet HTML 601Page - Renesas Technology Corp SH7616 Datasheet HTML 602Page - Renesas Technology Corp SH7616 Datasheet HTML 603Page - Renesas Technology Corp SH7616 Datasheet HTML 604Page - Renesas Technology Corp SH7616 Datasheet HTML 605Page - Renesas Technology Corp SH7616 Datasheet HTML 606Page - Renesas Technology Corp SH7616 Datasheet HTML 607Page - Renesas Technology Corp SH7616 Datasheet HTML 608Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 578 of 906
REJ09B0292-0200
14.2.9
Bit Rate Register (SCBRR)
Bit:
76
543
210
Initial value:
11
111
111
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The bit rate register (SCBRR) is an 8-bit register that sets the serial transmit/receive bit rate in
accordance with the baud rate generator operating clock selected by bits CKS1 and CKS0 in the
serial mode register (SCSMR).
SCBRR can be read or written to by the CPU at all times.
SCBRR is initialized to H'FF by a reset, by the module standby function, and in standby mode.
The SCBRR setting is found from the following equations.
Asynchronous mode:
N =
64
× 22n–1 × B
× 106 – 1 (When operating on a base clock of 16 times the bit rate)
P
φ
N =
32
× 22n–1 × B
× 106 – 1 (When operating on a base clock of 8 times the bit rate)
P
φ
N =
16
× 22n–1 × B
× 106 – 1 (When operating on a base clock of 4 times the bit rate)
P
φ
Synchronous mode:
N =
8
× 22n–1 × B
× 106 – 1
P
φ
Where B: Bit rate (bits/s)
N: SCBRR setting for baud rate generator (0
≤ N ≤ 255)
P
φ: Peripheral module operating frequency (MHz)
n:
Baud rate generator input clock (n = 0, 1, 2, or 3)
(See the table below for the relation between n and the clock.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com