Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 597Page - Renesas Technology Corp SH7616 Datasheet HTML 598Page - Renesas Technology Corp SH7616 Datasheet HTML 599Page - Renesas Technology Corp SH7616 Datasheet HTML 600Page - Renesas Technology Corp SH7616 Datasheet HTML 601Page - Renesas Technology Corp SH7616 Datasheet HTML 602Page - Renesas Technology Corp SH7616 Datasheet HTML 603Page - Renesas Technology Corp SH7616 Datasheet HTML 604Page - Renesas Technology Corp SH7616 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 575 of 906
REJ09B0292-0200
Bit 0—Receive Data Ready (DR): Indicates that there are fewer than the receive trigger set
number of data bytes in the receive FIFO data register (SCFRDR), and no further data has arrived
for at least 16 etu after the stop bit of the last data received.
Bit 0: DR
Description
0
Reception is in progress or has ended normally and there is no receive data left
in SCFRDR
(Initial value)
[Clearing conditions]
• In a reset or in standby mode
• When 0 is written to DR after all the remaining receive data has been
read*
1
1
No further receive data has arrived, and SCFRDR contains fewer than the
receive trigger set number of data bytes
[Setting condition]
When SCFRDR contains fewer than the receive trigger set number of receive
data bytes, and no further data has arrived for at least 16 etu after the stop bit
of the last data received*
2
Notes: 1. All remaining receive data should be read before clearing the DR flag.
2. Equivalent to 1.6 frames when using an 8-bit, 1-stop-bit format.
etu: Elementary time unit = sec/bit
14.2.8
Serial Status 2 Register (SC2SSR)
Bit:
76
543
210
TLM
RLM
N1
N0
MPB
MPBT
EI
ORER
Initial value:
0
0
1
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R/W
R/W
R/(W)*
Note: * Only 0 can be written, to clear the flag.
The serial status 2 register (SC2SSR) is an 8-bit register.
SC2SSR can be read or written to at all times. However, 1 cannot be written to the ORER flag.
Also note that in order to clear this flag to 0, they must first be read as 1.
SC2SSR is initialized to H'20 by a reset, by the module standby function, and in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com