Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 595 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 595 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 591Page - Renesas Technology Corp SH7616 Datasheet HTML 592Page - Renesas Technology Corp SH7616 Datasheet HTML 593Page - Renesas Technology Corp SH7616 Datasheet HTML 594Page - Renesas Technology Corp SH7616 Datasheet HTML 595Page - Renesas Technology Corp SH7616 Datasheet HTML 596Page - Renesas Technology Corp SH7616 Datasheet HTML 597Page - Renesas Technology Corp SH7616 Datasheet HTML 598Page - Renesas Technology Corp SH7616 Datasheet HTML 599Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 569 of 906
REJ09B0292-0200
Bit 3—Multiprocessor Interrupt Enable (MPIE): Enables or disables multiprocessor interrupts.
The MPIE bit setting is only valid in asynchronous mode when the MP bit in SCSMR is set to 1.
The MPIE bit setting is invalid in synchronous mode and IrDA mode, and when the MP bit is 0.
Bit 3: MPIE
Description
0
Multiprocessor interrupts disabled (normal reception performed) (Initial value)
[Clearing conditions]
• When the MPIE bit is cleared to 0
• When data with MPB = 1 is received
1
Multiprocessor interrupts enabled*
Receive interrupt (RXI) requests, receive-error interrupt (ERI) requests, and
setting of the RDF and FER in SC1SSR and ORER in SC2SSR are disabled
until data with the multiprocessor bit set to 1 is received.
Note: * Receive data transfer from SCRSR to SCFRDR, receive error detection, and setting of the
RDF and FER in SC1SSR and ORER flags in SC2SSR, is not performed. When receive
data with MPB = 1 is received, the MPB flag in SC2SSR is set to 1, the MPIE bit is cleared
to 0 automatically, and generation of RXI and ERI (when the RIE bit in SCSCR is set to 1)
and FER and ORER flag setting is enabled.
Bit 2—Reserved: This bit is always read as 0. The write value should always be 0.
Bits 1 and 0—Clock Enable 1 and 0 (CKE1, CKE0): These bits are used to select the SCIF clock
source and enable or disable clock output from the SCK pin. The combination of the CKE1 and
CKE0 bits determines whether the SCK pin functions as the serial clock output pin or the serial
clock input pin. The function of the SCK pin should be selected with the pin function controller
(PFC).
The setting of the CKE0 bit, however, is only valid for internal clock operation (CKE1 = 0) in
asynchronous mode. The CKE0 bit setting is invalid in synchronous mode and in the case of
external clock operation (CKE1 = 1). The CKE1 and CKE0 bits must be set before determining
the SCIF’s operating mode with SCSMR.
For details of clock source selection, see table 14.9 in section 14.3, Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com