Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 588Page - Renesas Technology Corp SH7616 Datasheet HTML 589Page - Renesas Technology Corp SH7616 Datasheet HTML 590Page - Renesas Technology Corp SH7616 Datasheet HTML 591Page - Renesas Technology Corp SH7616 Datasheet HTML 592Page - Renesas Technology Corp SH7616 Datasheet HTML 593Page - Renesas Technology Corp SH7616 Datasheet HTML 594Page - Renesas Technology Corp SH7616 Datasheet HTML 595Page - Renesas Technology Corp SH7616 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 566 of 906
REJ09B0292-0200
Bit 3—Stop Bit Length (STOP)/IrDA Clock Select 0 (ICK0): Selects 1 or 2 bits as the stop bit
length in asynchronous mode. The STOP bit setting is only valid in asynchronous mode. When
synchronous mode is set, the STOP bit setting is invalid since stop bits are not added.
Bit 3: STOP
Description
01 stop bit*
1
(Initial value)
1
2 stop bits*
2
Notes: 1. In transmission, a single 1-bit (stop bit) is added to the end of a transmit character
before it is sent.
2. In transmission, two 1-bits (stop bits) are added to the end of a transmit character
before it is sent.
In reception, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit; if it is 0, it is treated as the start bit of the next transmit
character.
In IrDA communication mode, bit 3 is the IrDA clock select 0 (ICK0) bit, enabling appropriate
clock pulses to be generated according to its setting. See Pulse Width Selection, in section 14.3.6,
Operation in IrDA Mode, for details.
Bit 2—Multiprocessor Mode (MP): Selects a multiprocessor format. When a multiprocessor
format is selected, the PE bit and O/
E bit parity settings are invalid. The MP bit setting is only
valid in asynchronous mode; it is invalid in synchronous mode and IrDA mode.
For details of the multiprocessor communication function, see section 14.3.3, Multiprocessor
Communication Function.
Bit 2: MP
Description
0
Multiprocessor function disabled
(Initial value)
1
Multiprocessor format selected
Bits 1 and 0—Clock Select 1 and 0 (CKS1, CKS0): These bits select the clock source for the built-
in baud rate generator. The clock source can be selected from P
φ, Pφ/4, Pφ/16, and Pφ/64,
according to the setting of bits CKS1 and CKS0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com