Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 590 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 590 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 586Page - Renesas Technology Corp SH7616 Datasheet HTML 587Page - Renesas Technology Corp SH7616 Datasheet HTML 588Page - Renesas Technology Corp SH7616 Datasheet HTML 589Page - Renesas Technology Corp SH7616 Datasheet HTML 590Page - Renesas Technology Corp SH7616 Datasheet HTML 591Page - Renesas Technology Corp SH7616 Datasheet HTML 592Page - Renesas Technology Corp SH7616 Datasheet HTML 593Page - Renesas Technology Corp SH7616 Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 564 of 906
REJ09B0292-0200
14.2.5
Serial Mode Register (SCSMR)
Bit:
76
543
210
C/
A
CHR/
ICK3
PE/
ICK2
O/
E/
ICK1
STOP/
ICK0
MP
CKS1
CKS0
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The serial mode register (SCSMR) is an 8-bit register used to set the SCIF’s serial communication
format and select the baud rate generator clock source. In IrDA communication mode, it is used to
select the output pulse width.
SCSMR can be read or written to by the CPU at all times.
SCSMR is initialized to H'00 by a reset, by the module standby function, and in standby mode.
Bit 7—Communication Mode (C/
A): Selects asynchronous mode or synchronous mode as the
SCIF operating mode. In IrDA communication mode, this bit must be cleared to 0.
Bit 7: C/
A
AA
A
Description
0
Asynchronous mode
(Initial value)
1
Synchronous mode
Bit 6—Character Length (CHR)/IrDA Clock Select 3 (ICK3): Selects 7 or 8 bits as the data length
in asynchronous mode. In synchronous mode, a fixed data length of 8 bits is used regardless of the
CHR setting,
Bit 6: CHR
Description
0
8-bit data
(Initial value)
1
7-bit data*
Note: * When 7-bit data is selected, the MSB (bit 7) of the transmit FIFO data register (SCFTDR) is
not transmitted.
In IrDA communication mode, bit 6 is the IrDA clock select 3 (ICK3) bit, enabling appropriate
clock pulses to be generated according to its setting. See Pulse Width Selection, in section 14.3.6,
Operation in IrDA Mode, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com