Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 587 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 587 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 583Page - Renesas Technology Corp SH7616 Datasheet HTML 584Page - Renesas Technology Corp SH7616 Datasheet HTML 585Page - Renesas Technology Corp SH7616 Datasheet HTML 586Page - Renesas Technology Corp SH7616 Datasheet HTML 587Page - Renesas Technology Corp SH7616 Datasheet HTML 588Page - Renesas Technology Corp SH7616 Datasheet HTML 589Page - Renesas Technology Corp SH7616 Datasheet HTML 590Page - Renesas Technology Corp SH7616 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 561 of 906
REJ09B0292-0200
14.1.4
Register Configuration
The SCIF has the internal registers shown in table 14.2. These registers are used to specify
asynchronous mode/synchronous mode and the IrDA communication mode, the data format and
the bit rate, and to perform transmitter/receiver control.
Table 14.2 SCIF Registers
Channel Name
Abbre-
viation
R/W
Initial
Value
Address
Access
Size
1
Serial mode register
SCSMR1
R/W
H'00
H'FFFFFCC0 8
Bit rate register
SCBRR1
R/W
H'FF
H'FFFFFCC2 8
Serial control register
SCSCR1
R/W
H'00
H'FFFFFCC4 8
Transmit FIFO data register
SCFTDR1
W
—
H'FFFFFCC6 8
Serial status 1 register
SC1SSR1
R/(W)* H'0060
H'FFFFFCC8 16
Serial status 2 register
SC2SSR1
R/(W)* H'20
H'FFFFFCCA 8
Receive FIFO data register
SCFRDR1
R
Undefined H'FFFFFCCC 8
FIFO control register
SCFCR1
R/W
H'00
H'FFFFFCCE 8
FIFO data count register
SCFDR1
R
H'0000
H'FFFFFCD0 16
FIFO error register
SCFER1
R
H'0000
H'FFFFFCD2 16
IrDA mode register
SCIFMR1
R/W
H'00
H'FFFFFCD4 8
2
Serial mode register
SCSMR2
R/W
H'00
H'FFFFFCE0 8
Bit rate register
SCBRR2
R/W
H'FF
H'FFFFFCE2 8
Serial control register
SCSCR2
R/W
H'00
H'FFFFFCE4 8
Transmit FIFO data register
SCFTDR2
W
—
H'FFFFFCE6 8
Serial status 1 register
SC1SSR2
R/(W)* H'0060
H'FFFFFCE8 16
Serial status 2 register
SC2SSR2
R/(W)* H'20
H'FFFFFCEA 8
Receive FIFO data register
SCFRDR2
R
Undefined H'FFFFFCEC 8
FIFO control register
SCFCR2
R/W
H'00
H'FFFFFCEE 8
FIFO data count register
SCFDR2
R
H'0000
H'FFFFFCF0 16
FIFO error register
SCFER2
R
H'0000
H'FFFFFCF2 16
IrDA mode register
SCIMR2
R/W
H'00
H'FFFFFCF4 8
Note: * Only 0 can be written, to clear flags. Use byte access on registers with an access size of 8,
and word access on registers with an access size of 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com