Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 686 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 686 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 682Page - Renesas Technology Corp SH7616 Datasheet HTML 683Page - Renesas Technology Corp SH7616 Datasheet HTML 684Page - Renesas Technology Corp SH7616 Datasheet HTML 685Page - Renesas Technology Corp SH7616 Datasheet HTML 686Page - Renesas Technology Corp SH7616 Datasheet HTML 687Page - Renesas Technology Corp SH7616 Datasheet HTML 688Page - Renesas Technology Corp SH7616 Datasheet HTML 689Page - Renesas Technology Corp SH7616 Datasheet HTML 690Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 660 of 906
REJ09B0292-0200
STXD
STS
STCK
SITSR
SITDR
TDRE
C[0:7]
C[1:7]
C[2:7]
C[7]
C[7:0]
D[7:0]
D[7:0]
E[7:0]
C[0]
C[1]
C[2]
C[7]
D[0]
D[1]
D[0:7]
D[1:7]
Set to 1 when the amount of data in SITDR is
less than or equal to the setting of bits
TFWM3 to TFWM0 in SIFCR
Note: TM = 0: STS is input
DL = 0: 8-bit data transfer
SE = 1: Synchronous transfer in start signal mode
LM = 1: LSB first
TRMD = 0: LSB of transmitted primary data is value in SITDR
Cleared to 0 when an amount of data exceeding
the setting of bits TFWM3 to TFWM0 in SIFCR
has been written to SITDR
Synchronous internal clock
Undefined
Figure 15.10 Transmission: Interval Transfer Mode (TM = 0 Mode)/LSB First
STXD
STS
STCK
SITSR
SITDR
TDRE
C[0:7]
C[1:7]
C[2:7]
C[7:0]
D[7:0]
D[7:0]
E[7:0]
C[7]
D[0:7]
D[1:7]
C[0]
C[1]
C[2]
D[0]
D[1]
C[7]
D[2]
D[3]
D[2:7]
D[3:7]
Set to 1 when the amount of data in SITDR is
less than or equal to the setting of bits
TFWM3 to TFWM0 in SIFCR
Note: TM = 0: STS is input
DL = 0: 8-bit data transfer
SE = 0: Asynchronous transfer in start signal mode
LM = 1: LSB first
TRMD = 0: LSB of transmitted primary data is value in SITDR
Cleared to 0 when an amount of data exceeding
the setting of bits TFWM3 to TFWM0 in SIFCR
has been written to SITDR
Synchronous internal clock
Undefined
Figure 15.11 Transmission: Continuous Transfer Mode (TM = 0 Mode)/LSB First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com