Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 690 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 690 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 686Page - Renesas Technology Corp SH7616 Datasheet HTML 687Page - Renesas Technology Corp SH7616 Datasheet HTML 688Page - Renesas Technology Corp SH7616 Datasheet HTML 689Page - Renesas Technology Corp SH7616 Datasheet HTML 690Page - Renesas Technology Corp SH7616 Datasheet HTML 691Page - Renesas Technology Corp SH7616 Datasheet HTML 692Page - Renesas Technology Corp SH7616 Datasheet HTML 693Page - Renesas Technology Corp SH7616 Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 664 of 906
REJ09B0292-0200
Channel interrupt priority levels are set by means of the IRPE register, as described in section 5,
Interrupt Controller (INTC).
Table 15.3 SIOF Interrupt Sources
Interrupt Source Description
DMAC Activation
Priority
RERI0
Receive overrun error (RERR)
Not possible
High
TERI0
Transmit underrun error (TERR)
Not possible
↑
RDFI0
Receive data register full (RDRF)/
Receive Control Data Register Full (RCD)
Possible*
↓
TDEI0
Transmit data register empty (TDRE)/
Transmit Control Data Register Empty (TCD)
Possible*
Low
Note: * The interrupt sources that can activate the DMAC are receive data full (RDRF) and transmit
data empty (TDRE).
It is not possible for receive control data full (RCD) or transmit control data empty (TCD) to
activate the DMAC.
The DMAC should be used to process RDRF and TDRE interrupts when using SIRCDR and
SITCDR, and the DMACE bit must be set to 1 in SICTR when using the CPU to process RCD
and TCD interrupts.
The DMACE bit should be cleared to 0 in SICTR if neither SIRCDR nor SITCDR is used and
both RDRF and TDRE interrupts as well as RCD and TCD interrupts are to be processed by
the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com