Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 693 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 693 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 689Page - Renesas Technology Corp SH7616 Datasheet HTML 690Page - Renesas Technology Corp SH7616 Datasheet HTML 691Page - Renesas Technology Corp SH7616 Datasheet HTML 692Page - Renesas Technology Corp SH7616 Datasheet HTML 693Page - Renesas Technology Corp SH7616 Datasheet HTML 694Page - Renesas Technology Corp SH7616 Datasheet HTML 695Page - Renesas Technology Corp SH7616 Datasheet HTML 696Page - Renesas Technology Corp SH7616 Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 667 of 906
REJ09B0292-0200
Table 16.1 shows the functions of the external pins. As the channels are independent, the channel
numbers are omitted from the signal names in the rest of this section.
Table 16.1 Serial I/O (SIO) External Pins
Channel
Name
Pin
I/O
Function
1
Serial receive data input pin
SRxD1
Input
Serial data input port 1
Serial receive clock input pin
SRCK1
Input
Serial receive clock port 1
Serial reception synchronization
input pin
SRS1
Input
Serial reception
synchronization input port 1
Serial transmit data output pin
STxD1
Output
Serial data output port 1
Serial transmit clock input pin
STCK1
Input
Serial transmit clock port 1
Serial transmission synchro-
nization input/output pin
STS1
I/O
Serial transmission synchro-
nization input/output port 1
2
Serial receive data input pin
SRxD2
Input
Serial data input port 2
Serial receive clock input pin
SRCK2
Input
Serial receive clock port 2
Serial reception synchronization
input pin
SRS2
Input
Serial reception
synchronization input port 2
Serial transmit data output pin
STxD2
Output
Serial data output port 2
Serial transmit clock input pin
STCK2
Input
Serial transmit clock port 2
Serial transmission
synchronization input/output pin
STS2
I/O
Serial transmission synchro-
nization input/output port 2
Note: In a reset, all pins are initialized to the high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com