Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 697 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 697 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 693Page - Renesas Technology Corp SH7616 Datasheet HTML 694Page - Renesas Technology Corp SH7616 Datasheet HTML 695Page - Renesas Technology Corp SH7616 Datasheet HTML 696Page - Renesas Technology Corp SH7616 Datasheet HTML 697Page - Renesas Technology Corp SH7616 Datasheet HTML 698Page - Renesas Technology Corp SH7616 Datasheet HTML 699Page - Renesas Technology Corp SH7616 Datasheet HTML 700Page - Renesas Technology Corp SH7616 Datasheet HTML 701Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 671 of 906
REJ09B0292-0200
16.2.5
Serial Control Register (SICTR)
Bit:
15
14
13
12
11
10
9
8
————————
Initial value:
00000000
R/W:
RRRRRRRR
Bit:
76543210
—TM
SE
DL
TIE
RIE
TE
RE
Initial value:
00000000
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SICTR is a 16-bit register used to set parameters for serial port control. SICTR is initialized to
H'0000 by a reset.
When modifying bit 4, 5, or 6 (TM, SE, or DL), TE and RE should be cleared to 0 beforehand.
Bits 15 to 7—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 6—Transfer Mode Control (TM): Specifies whether the transmission synchronization signal is
to be input from an external source or generated internally by the chip. When this flag is cleared,
the transmission synchronization signal is STS pin input. When this flag is set, the transmission
synchronization signal is generated by the chip, and is output to an external device from the STS
pin. This bit does not affect reception.
Bit 6: TM
Description
0
External signal input from STS pin is used as transmission start indication
(Initial value)
1
Internal signal output from STS pin is used as transmission start indication
Bit 5—Synchronization Signal Enable (SE): Specifies whether the synchronization signals are to
be used for all serial data transfers, or only for the first transfer.
When this bit is cleared to 0, the synchronization signals (SRS and STS) are necessary only for the
first data transfer, and are not required for subsequent transfers. When this bit is set to 1, the
synchronization signals are necessary for all data transfers.
Bit 5: SE
Description
0
Continuous mode: SRS and STS are used only for the first data transfer
(Initial value)
1
Interval mode: SRS and STS are used for all data transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com