Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 698 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 698 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 694Page - Renesas Technology Corp SH7616 Datasheet HTML 695Page - Renesas Technology Corp SH7616 Datasheet HTML 696Page - Renesas Technology Corp SH7616 Datasheet HTML 697Page - Renesas Technology Corp SH7616 Datasheet HTML 698Page - Renesas Technology Corp SH7616 Datasheet HTML 699Page - Renesas Technology Corp SH7616 Datasheet HTML 700Page - Renesas Technology Corp SH7616 Datasheet HTML 701Page - Renesas Technology Corp SH7616 Datasheet HTML 702Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 698 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 672 of 906
REJ09B0292-0200
Bit 4—Transmit/Receive Data Length Select (DL): Specifies the serial I/O module’s transfer data
length. The initial value of this bit is 0, indicating an 8-bit data length. When an 8-bit data length is
specified, the lower 8 bits of each I/O register are used.
Bit 4: DL
Description
0
8-bit transfer data length
(Initial value)
1
16-bit transfer data length
Bit 3—Transmit Interrupt Enable (TIE): Enables the transmit-data-empty interrupt. The initial
value of this bit is 0.
Bit 3: TIE
Description
0
Transmit interrupt disabled
(Initial value)
1
Transmit interrupt enabled
Bit 2—Receive Interrupt Enable (RIE): Enables the receive-data-full interrupt. The initial value of
this bit is 0.
Bit 2: RIE
Description
0
Receive interrupt disabled
(Initial value)
1
Receive interrupt enabled
Bit 1—Transmit Enable (TE): Enables data transmission. When this flag is cleared, the STxD,
STCK, and STS pins go to the high-impedance state.
Bit 1: TE
Description
0
Transmission disabled: STxD, STCK, and STS pins go to high-impedance
state
(Initial value)
1
Transmission enabled
Bit 0—Receive Enable (RE): Enables data reception. When this flag is cleared, the SRxD, SRCK,
and SRS pins go to the high-impedance state.
Bit 0: RE
Description
0
Reception disabled: SRxD, SRCK, and SRS pins go to high-impedance state
(Initial value)
1
Reception enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com