Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 701 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 701 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 697Page - Renesas Technology Corp SH7616 Datasheet HTML 698Page - Renesas Technology Corp SH7616 Datasheet HTML 699Page - Renesas Technology Corp SH7616 Datasheet HTML 700Page - Renesas Technology Corp SH7616 Datasheet HTML 701Page - Renesas Technology Corp SH7616 Datasheet HTML 702Page - Renesas Technology Corp SH7616 Datasheet HTML 703Page - Renesas Technology Corp SH7616 Datasheet HTML 704Page - Renesas Technology Corp SH7616 Datasheet HTML 705Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 701 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 675 of 906
REJ09B0292-0200
16.3
Operation
16.3.1
Input
Figure 16.2 shows interval transfer mode (SE set to 1 in SICTR), and figure 16.3 shows
continuous transfer mode (SE cleared to 0 in SICTR).
B[7]
SRxD
Notes: DL = 0: 8-bit data transfer
SE = 1: Synchronous transfer in start signal mode
SRS
SRCK
A[7]
SIRSR
A[7:0]
A[7:6]
A[7:1]
A[7:0]
SIRDR
RDRF
A[7]
A[6]
A[5]
A[0]
A[1]
B[7]
synchronous internal clock
Undefined
Invalid
Figure 16.2 Reception: Interval Transfer Mode
SRxD
Notes: DL = 0: 8-bit data transfer
SE = 0: Asynchronous transfer, no start signal mode
SRCK
SRS
A[7]
A[6]
A[5]
A[0]
B[7]
B[6]
B[5]
A[1]
SIRSR
B[7]
A[7]
A[7:0]
B[7:6]
B[7:5]
A[7:6]
A[7:1]
A[7:0]
SIRDR
RDRF
synchronous internal clock
Undefined
Figure 16.3 Reception: Continuous Transfer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com