Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 699 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 699 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 695Page - Renesas Technology Corp SH7616 Datasheet HTML 696Page - Renesas Technology Corp SH7616 Datasheet HTML 697Page - Renesas Technology Corp SH7616 Datasheet HTML 698Page - Renesas Technology Corp SH7616 Datasheet HTML 699Page - Renesas Technology Corp SH7616 Datasheet HTML 700Page - Renesas Technology Corp SH7616 Datasheet HTML 701Page - Renesas Technology Corp SH7616 Datasheet HTML 702Page - Renesas Technology Corp SH7616 Datasheet HTML 703Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 673 of 906
REJ09B0292-0200
16.2.6
Serial Status Register (SISTR)
Bit:
15
14
...
43210
—
—
...
—
TERR
RERR
TDRE
RDRF
Initial value:
00
...
00010
R/W:
R
R
...
R
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 should be written, to clear the flag.
SISTR is a 16-bit register that indicates the status of the serial I/O module. SISTR is initialized to
H'0002 by a reset.
Bits 15 to 4—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 3—Transmit Underrun Error (TERR): Flag that indicates the occurrence of a transmit
underrun.
Bit 3: TERR
Description
0
Transmission is in progress, or has ended normally
(Initial value)
[Clearing conditions]
• When 0 is written to the TERR bit after reading TERR = 1
• When the processor enters the reset state
1
A transmit underrun error has occurred
TERR is set to 1 if data transmission is started while TDRE = 1
Bit 2—Receive Overrun Error (RERR): Flag that indicates the occurrence of a receive overrun.
Bit 2: RERR
Description
0
Reception is in progress, or has ended normally
(Initial value)
[Clearing conditions]
• When 0 is written to the RERR bit after reading RERR = 1
• When the processor enters the reset state
1
A receive overrun error has occurred
RERR is set to 1 if data reception ends while RDRF = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com