Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 696 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 696 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 692Page - Renesas Technology Corp SH7616 Datasheet HTML 693Page - Renesas Technology Corp SH7616 Datasheet HTML 694Page - Renesas Technology Corp SH7616 Datasheet HTML 695Page - Renesas Technology Corp SH7616 Datasheet HTML 696Page - Renesas Technology Corp SH7616 Datasheet HTML 697Page - Renesas Technology Corp SH7616 Datasheet HTML 698Page - Renesas Technology Corp SH7616 Datasheet HTML 699Page - Renesas Technology Corp SH7616 Datasheet HTML 700Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 696 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 670 of 906
REJ09B0292-0200
16.2.3
Transmit Shift Register (SITSR)
Bit:
15
14
13
...
3210
...
Initial value:
———
...
————
R/W:
———
...
————
SITSR is a 16-bit register used to transmit serial data. The contents of this register are shifted in
MSB-first order in synchronization with the rising edge of the serial transmit clock (STCK), and
output from the STxD pin. The transfer data length is set by the transmit/receive data length select
bit (DL) in the serial control register (SICTR). When the DL bit is cleared to 0 (8-bit data length),
the lower 8 bits of SITDR are output. When the serial transmission synchronization signal (STS)
goes high, or the last data transmission ends without the synchronization enable (SE) bit being set
in SICTR, the contents of the transmit data register (SITDR) are transferred to SITSR, and if
TDRE is 0, TDRE is then set. If output of the next data begins before TDRE is cleared, an overrun
error occurs, the transmit overrun error flag (TERR) is set in SISTR, and a transmit overrun error
interrupt request is sent to the INTC.
16.2.4
Transmit Data Register (SITDR)
Bit:
15
14
13
...
3210
...
Initial value:
000
...
0000
R/W:
R/W
R/W
R/W
...
R/W
R/W
R/W
R/W
SITDR is a 16-bit register that stores serial transmit data. Data should be written to SITDR when
the transmit data register empty flag (TDRE) is set to 1 in SISTR. If data is written to SITDR
when TDRE is 0, the previous data will be overwritten. When STS goes high or data output from
transmit shift register SITSR ends with the SE bit cleared to 0 in SICTR, the data in SITDR is
automatically transferred to SITSR, and if TDRE is 0, TDRE is then set. If the transmit interrupt
enable flag (TIE) is set, a transmit-data-empty interrupt (TDEI) request is sent to the INTC and
DMAC. When TIE is cleared, this interrupt request is not generated. When the DMAC writes to
SITDR, the TDRE flag is cleared automatically. The TDRE flag is set only by hardware. SITDR is
initialized to H'0000 by a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com