Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 700 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 700 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 696Page - Renesas Technology Corp SH7616 Datasheet HTML 697Page - Renesas Technology Corp SH7616 Datasheet HTML 698Page - Renesas Technology Corp SH7616 Datasheet HTML 699Page - Renesas Technology Corp SH7616 Datasheet HTML 700Page - Renesas Technology Corp SH7616 Datasheet HTML 701Page - Renesas Technology Corp SH7616 Datasheet HTML 702Page - Renesas Technology Corp SH7616 Datasheet HTML 703Page - Renesas Technology Corp SH7616 Datasheet HTML 704Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 700 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 674 of 906
REJ09B0292-0200
Bit 1—Transmit Data Register Empty (TDRE): Flag that indicates that the SITDR register is
empty and the next data can be written.
Bit 1: TDRE
Description
0
SITDR transmit data is valid
[Clearing conditions]
• When 0 is written to the TDRE bit after reading TDRE = 1
• When the DMAC writes data to SITDR
1
SITDR transmit data is invalid
(Initial value)
TDRE is set to 1 in the following cases:
• When data is transferred from SITDR to SITSR
• When the TE bit is cleared to 0 in the serial control register (SICTR)
• When the processor enters the reset state
Bit 0—Receive Data Register Full (RDRF): Flag that indicates that SIRDR receive data is waiting.
Bit 0: RDRF
Description
0
SIRDR receive data is invalid
(Initial value)
[Clearing conditions]
• When the DMAC reads data from SIRDR
• When 1 is read from RDRF and 0 is written
• When the RE bit is cleared to 0 in the serial control register (SICTR)
• When the processor enters the reset state
1
SIRDR receive data is valid
RDRF is set to 1 when serial data reception ends normally and the data is
transferred from SIRSR to SIRDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com