Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 705 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 705 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 701Page - Renesas Technology Corp SH7616 Datasheet HTML 702Page - Renesas Technology Corp SH7616 Datasheet HTML 703Page - Renesas Technology Corp SH7616 Datasheet HTML 704Page - Renesas Technology Corp SH7616 Datasheet HTML 705Page - Renesas Technology Corp SH7616 Datasheet HTML 706Page - Renesas Technology Corp SH7616 Datasheet HTML 707Page - Renesas Technology Corp SH7616 Datasheet HTML 708Page - Renesas Technology Corp SH7616 Datasheet HTML 709Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 935 page
background image
Section 16 Serial I/O (SIO)
Rev. 2.00 Mar 09, 2006 page 679 of 906
REJ09B0292-0200
16.4
SIO Interrupt Sources and DMAC
Each SIO channel has four interrupt sources: the receive-overrun-error interrupt (RERI) request,
transmit-underrun-error interrupt (TERI) request, receive-data-full interrupt (RDFI) request, and
transmit-data-empty interrupt (TDEI) request. Table 16.3 shows the interrupt sources and their
relative priorities. The RDFI and TDEI interrupts are enabled by the RIE and TIE bits,
respectively, in SICTR. The RERI and TERI interrupts cannot be disabled.
An RDFI interrupt request is generated when the RDRF bit is set to 1 in SISTR. RDFI can activate
the DMA controller (DMAC) to read the data in SIRDR. RDRF is cleared to 0 automatically when
the DMAC reads data from SIRDR.
A TDEI interrupt request is generated when the TDRE bit is set to 1 in SISTR. TDEI can activate
the DMAC to write the next data to SITDR. TDRE is cleared to 0 automatically when the DMAC
writes data to SITDR.
When TDEI and RDFI interrupt requests are handled by the DMAC, and not by the interrupt
controller, a low priority level should be given to interrupts from the SIO to prevent the interrupt
controller from operating.
When the RERR bit is set to 1 in SISTR, an RERI interrupt request is generated.
When the TERR bit is set to 1 in SISTR, a TERI interrupt request is generated.
Channel interrupt priority levels are set by means of the IRPE register, as described in section 5,
Interrupt Controller (INTC).
Table 16.3 SIO Interrupt Sources
Interrupt Source
Description
DMAC Activation
Priority
RERI
Receive overrun error (RERR)
Not possible
High
TERI
Transmit underrun error (TERR)
Not possible
↑
RDFI
Receive data register full (RDRF)
Possible
↓
TDEI
Transmit data register empty (TDRE)
Possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com