| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 707 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 707 Page - Renesas Technology Corp |
|
707 / 935 page ![]() Section 17 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Mar 09, 2006 page 681 of 906 REJ09B0292-0200 Section 17 16-Bit Timer Pulse Unit (TPU) 17.1 Overview An on-chip 16-bit timer pulse unit (TPU) is provided that comprises three 16-bit timer channels. 17.1.1 Features The TPU has the following features: • Maximum 8-pulse input/output • A total of eight timer general registers (TGRs) are provided (four for channel 0 and two each for channels 1, and 2). Each register can be set independently as an output compare/input capture register. TGRC and TGRD for channel 0 can be used as buffer registers • Choice of seven or eight counter input clocks for each channel • The following operations can be set for each channel: Waveform output by compare match: Selection of 0, 1, or toggle output Input capture function: Choice of rising edge, falling edge, or both edge detection Counter clear operation: Counter clearing possible by compare match or input capture Synchronous operation: Multiple timer counters (TCNT) can be written to simultaneously simultaneous clearing by compare match and input capture possible register simultaneous input/output possible by counter synchronous operation PWM mode: Any PWM output duty can be set maximum of 7-phase PWM output possible by combination with synchronous operation • Buffer operation settable for channel 0 Input capture register double-buffering possible Automatic rewriting of output compare register possible • Phase counting mode settable independently for each of channels 1, and 2 Two-phase encoder pulse up/down-count possible • Fast access via internal 16-bit bus Fast access is possible via a 16-bit bus interface • 13 interrupt sources For channel 0 four compare match/input capture dual-function interrupts and one overflow interrupt can be requested independently |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |