Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 711 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 711 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 707Page - Renesas Technology Corp SH7616 Datasheet HTML 708Page - Renesas Technology Corp SH7616 Datasheet HTML 709Page - Renesas Technology Corp SH7616 Datasheet HTML 710Page - Renesas Technology Corp SH7616 Datasheet HTML 711Page - Renesas Technology Corp SH7616 Datasheet HTML 712Page - Renesas Technology Corp SH7616 Datasheet HTML 713Page - Renesas Technology Corp SH7616 Datasheet HTML 714Page - Renesas Technology Corp SH7616 Datasheet HTML 715Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 685 of 906
REJ09B0292-0200
17.1.3
Pin Configuration
Table 17.2 shows the pin configuration of the TPU.
Table 17.2 Pin Configuration
Channel
Name
Abbreviation
I/O
Function
All
Clock input A
TCLKA
Input
External clock A input pin
(Channel 1 phase counting mode A
phase input)
Clock input B
TCLKB
Input
External clock B input pin
(Channel 1 phase counting mode B
phase input)
Clock input C
TCLKC
Input
External clock C input pin
(Channel 2 phase counting mode A
phase input)
Clock input D
TCLKD
Input
External clock D input pin
(Channel 2 phase counting mode B
phase input)
0
Input capture/output
compare match A0
TIOCA0
I/O
TGR0A input capture input/output
compare output/PWM output pin
Input capture/output
compare match B0
TIOCB0
I/O
TGR0B input capture input/output
compare output/PWM output pin
Input capture/output
compare match C0
TIOCC0
I/O
TGR0C input capture input/output
compare output/PWM output pin
Input capture/output
compare match D0
TIOCD0
I/O
TGR0D input capture input/output
compare output/PWM output pin
1
Input capture/output
compare match A1
TIOCA1
I/O
TGR1A input capture input/output
compare output/PWM output pin
Input capture/output
compare match B1
TIOCB1
I/O
TGR1B input capture input/output
compare output/PWM output pin
2
Input capture/output
compare match A2
TIOCA2
I/O
TGR2A input capture input/output
compare output/PWM output pin
Input capture/output
compare match B2
TIOCB2
I/O
TGR2B input capture input/output
compare output/PWM output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com