Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 711Page - Renesas Technology Corp SH7616 Datasheet HTML 712Page - Renesas Technology Corp SH7616 Datasheet HTML 713Page - Renesas Technology Corp SH7616 Datasheet HTML 714Page - Renesas Technology Corp SH7616 Datasheet HTML 715Page - Renesas Technology Corp SH7616 Datasheet HTML 716Page - Renesas Technology Corp SH7616 Datasheet HTML 717Page - Renesas Technology Corp SH7616 Datasheet HTML 718Page - Renesas Technology Corp SH7616 Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 689 of 906
REJ09B0292-0200
Bits 4 and 3—Clock Edge 1 and 0 (CKEG1, CKEG0): These bits select the input clock edge.
When a both-edges count is selected, a clock divided by two from the input clock can be selected.
(e.g. P
φ/4 both edges = Pφ/2 rising edge). If phase counting mode is used on channels 1, and 2,
this setting is ignored and the phase counting mode setting has priority.
Bit 4: CKEG1
Bit 3: CKEG0
Description
0
0
Count at rising edge
(Initial value)
1
Count at falling edge
1
—
Count at both edges
Note: Internal clock edge selection is valid when the input clock is P
φ/4 or slower. If Pφ/1 is
selected for the input clock, this setting is ignored and a rising-edge count is selected.
Bits 2 to 0—Time Prescaler 2 to 0 (TPSC2 to TPSC0): These bits select the TCNT counter clock.
The clock source can be selected independently for each channel. Table 17.4 shows the clock
sources that can be set for each channel.
Table 17.4 TPU Clock Sources
Internal Clock
External Clock
Channel P
φφφφ/1 Pφφφφ/4 Pφφφφ/16 Pφφφφ/64 Pφφφφ/256 Pφφφφ/1024
TCLKA TCLKB TCLKC TCLKD
0O
O
O
O
O
O
O
O
1O
O
O
O
O
O
O
2O
O
O
O
O
O
O
O
Notes: O: Setting
Blank: No setting
Channel
Bit 2:
TPSC2
Bit 1:
TPSC1
Bit 0:
TPSC0
Description
0
0
0
0
Internal clock: counts on P
φ/1
(Initial value)
1
Internal clock: counts on P
φ/4
1
0
Internal clock: counts on P
φ/16
1
Internal clock: counts on P
φ/64
1
0
0
External clock: counts on TCLKA pin input
1
External clock: counts on TCLKB pin input
1
0
External clock: counts on TCLKC pin input
1
External clock: counts on TCLKD pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com