Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 714 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 714 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 710Page - Renesas Technology Corp SH7616 Datasheet HTML 711Page - Renesas Technology Corp SH7616 Datasheet HTML 712Page - Renesas Technology Corp SH7616 Datasheet HTML 713Page - Renesas Technology Corp SH7616 Datasheet HTML 714Page - Renesas Technology Corp SH7616 Datasheet HTML 715Page - Renesas Technology Corp SH7616 Datasheet HTML 716Page - Renesas Technology Corp SH7616 Datasheet HTML 717Page - Renesas Technology Corp SH7616 Datasheet HTML 718Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 688 of 906
REJ09B0292-0200
The TCR registers are 8-bit registers that control the TCNT channels. The TPU has three TCR
registers, one for each of channels 0 to 2. The TCR registers are initialized to H'00 by a reset.
TCNT operation should be stopped when making TCR settings.
Bits 7 to 5—Counter Clear 2 to 0 (CCLR2 to CCLR0): These bits select the TCNT counter
clearing source.
Channel
Bit 7:
CCLR2
Bit 6:
CCLR1
Bit 5:
CCLR0
Description
0
0
0
0
TCNT clearing disabled
(Initial value)
1
TCNT cleared by TGRA compare match/input
capture
1
0
TCNT cleared by TGRB compare match/input
capture
1
TCNT cleared by counter clearing for another
channel performing synchronous
clearing/synchronous operation*
1
1
0
0
TCNT clearing disabled
1
TCNT cleared by TGRC compare match/input
capture*
2
10
TCNT cleared by TGRD compare match/input
capture*
2
1
TCNT cleared by counter clearing for another
channel performing synchronous
clearing/synchronous operation*
1
Channel
Bit 7:
Reserved*
3
Bit 6:
CCLR1
Bit 5:
CCLR0
Description
1, 2
0
0
0
TCNT clearing disabled
(Initial value)
1
TCNT cleared by TGRA compare match/input
capture
1
0
TCNT cleared by TGRB compare match/input
capture
1
TCNT cleared by counter clearing for another
channel performing synchronous clearing/
synchronous operation*
1
Notes: 1. Synchronous operation setting is performed by setting the SYNC bit in TSYR to 1.
2. When TGRC or TGRD is used as a buffer register, TCNT is not cleared because the
buffer register setting has priority, and compare match/input capture does not occur.
3. Bit 7 is reserved in channels 1and 2. It is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com