Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 712 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 712 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 708Page - Renesas Technology Corp SH7616 Datasheet HTML 709Page - Renesas Technology Corp SH7616 Datasheet HTML 710Page - Renesas Technology Corp SH7616 Datasheet HTML 711Page - Renesas Technology Corp SH7616 Datasheet HTML 712Page - Renesas Technology Corp SH7616 Datasheet HTML 713Page - Renesas Technology Corp SH7616 Datasheet HTML 714Page - Renesas Technology Corp SH7616 Datasheet HTML 715Page - Renesas Technology Corp SH7616 Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 686 of 906
REJ09B0292-0200
17.1.4
Register Configuration
Table 17.3 shows the register configuration of the TPU.
Table 17.3 Register Configuration
Channel Name
Abbreviation R/W
Initial
Value
Address
Access
size (Bits)
0
Timer control register 0 TCR0
R/W
H'00
H'FFFFFC50
8,16
Timer mode register 0 TMDR0
R/W
H'C0
H'FFFFFC51
8,16
Timer I/O control
register 0H
TIOR0H
R/W
H'00
H'FFFFFC52
8,16
Timer I/O control
register 0L
TIOR0L
R/W
H'00
H'FFFFFC53
8,16
Timer interrupt enable
register 0
TIER0
R/W
H'40
H'FFFFFC54
8,16
Timer status register 0 TSR0
R/(W)*
H'C0
H'FFFFFC55
8,16
Timer counter 0
TCNT0
R/W
H'0000
H'FFFFFC56
16
Timer general register
0A
TGR0A
R/W
H'FFFF
H'FFFFFC58
16
Timer general register
0B
TGR0B
R/W
H'FFFF
H'FFFFFC5A 16
Timer general register
0C
TGR0C
R/W
H'FFFF
H'FFFFFC5C 16
Timer general register
0D
TGR0D
R/W
H'FFFF
H'FFFFFC5E 16
1
Timer control register 1 TCR1
R/W
H'00
H'FFFFFC60
8,16
Timer mode register 1 TMDR1
R/W
H'C0
H'FFFFFC61
8,16
Timer I/O control
register 1
TIOR1
R/W
H'00
H'FFFFFC62
8,16
Timer interrupt enable
register 1
TIER1
R/W
H'40
H'FFFFFC64
8,16
Timer status register 1 TSR1
R/(W)*
H'C0
H'FFFFFC65
8,16
Timer counter 1
TCNT1
R/W
H'0000
H'FFFFFC66
16
Timer general register
1A
TGR1A
R/W
H'FFFF
H'FFFFFC68
16
Timer general register
1B
TGR1B
R/W
H'FFFF
H'FFFFFC6A 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com