Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 709 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 709 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 705Page - Renesas Technology Corp SH7616 Datasheet HTML 706Page - Renesas Technology Corp SH7616 Datasheet HTML 707Page - Renesas Technology Corp SH7616 Datasheet HTML 708Page - Renesas Technology Corp SH7616 Datasheet HTML 709Page - Renesas Technology Corp SH7616 Datasheet HTML 710Page - Renesas Technology Corp SH7616 Datasheet HTML 711Page - Renesas Technology Corp SH7616 Datasheet HTML 712Page - Renesas Technology Corp SH7616 Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 683 of 906
REJ09B0292-0200
Item
Channel 0
Channel 1
Channel 2
DMAC activation
TGR compare match or
input capture
——
Interrupt sources
5 sources
• Compare match or
input capture 0A
• Compare match or
input capture 0B
• Compare match or
input capture 0C
• Compare match or
input capture 0D
• Overflow
4 sources
• Compare match or
input capture 1A
• Compare match or
input capture 1B
• Overflow
• Underflow
4 sources
• Compare match or
input capture 2A
• Compare match or
input capture 2B
• Overflow
• Underflow
Note: — : Not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com