Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 719 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 719 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 715Page - Renesas Technology Corp SH7616 Datasheet HTML 716Page - Renesas Technology Corp SH7616 Datasheet HTML 717Page - Renesas Technology Corp SH7616 Datasheet HTML 718Page - Renesas Technology Corp SH7616 Datasheet HTML 719Page - Renesas Technology Corp SH7616 Datasheet HTML 720Page - Renesas Technology Corp SH7616 Datasheet HTML 721Page - Renesas Technology Corp SH7616 Datasheet HTML 722Page - Renesas Technology Corp SH7616 Datasheet HTML 723Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 693 of 906
REJ09B0292-0200
The TIOR registers are 8-bit registers that control the TGR registers. The TPU has four TIOR
registers, two for channel 0 and one each for channels 1, and 2. The TIOR registers are initialized
to H'00 by a reset.
Note that TIOR is affected by the TMDR setting.
The initial output specified by TIOR becomes valid when the counter is halted (i.e. when the CST
bit is cleared to 0 in TSTR). In PWM mode 2, the output at the point at which the counter is
cleared to 0 is specified.
Bits 7 to 4— I/O Control B3 to B0 (IOB3 to IOB0)
I/O Control D3 to D0 (IOD3 to IOD0):
Bits IOB3 to IOB0 specify the function of TGRB.
Bits IOD3 to IOD0 specify the function of TGRD.
TIOR0H
Channel
Bit 7:
IOB3
Bit 6:
IOB2
Bit 5:
IOB1
Bit 4:
IOB0 Description
0
0
0
0
0
TGR0B is Output disabled
(Initial value)
1
output
Initial output is 0 0 output at compare match
10
compare output
1 output at compare match
1
register
Toggle output at compare
match
1
0
0
Output disabled
1
Initial output is 1 0 output at compare match
10
output
1 output at compare match
1
Toggle output at compare
match
1
0
0
0
TGR0B is Capture input
Input capture at rising edge
1
input
source is
Input capture at falling edge
1
*
capture
TIOCB0 pin
Input capture at both edges
1
**
register
Setting prohibited
*: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com