Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 720 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 720 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 716Page - Renesas Technology Corp SH7616 Datasheet HTML 717Page - Renesas Technology Corp SH7616 Datasheet HTML 718Page - Renesas Technology Corp SH7616 Datasheet HTML 719Page - Renesas Technology Corp SH7616 Datasheet HTML 720Page - Renesas Technology Corp SH7616 Datasheet HTML 721Page - Renesas Technology Corp SH7616 Datasheet HTML 722Page - Renesas Technology Corp SH7616 Datasheet HTML 723Page - Renesas Technology Corp SH7616 Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 694 of 906
REJ09B0292-0200
TIOR0L
Channel
Bit 7:
IOD3
Bit 6:
IOD2
Bit 5:
IOD1
Bit 4:
IOD0 Description
0
0
0
0
0
Output disabled
(Initial value)
1
Initial output is 0 0 output at compare match
10
output
1 output at compare match
1
TGR0D
isoutput
compare
register*
1
Toggle output at compare
match
1
0
0
Output disabled
1
Initial output is 1 0 output at compare match
10
output
1 output at compare match
1
Toggle output at compare
match
1
0
0
0
Capture input
Input capture at rising edge
1
source is
Input capture at falling edge
1
*
TIOCD0 pin
Input capture at both edges
1
**
TGR0D is
input
capture
register*
1
Setting prohibited
*: Don’t care
Note: 1. When the BFB bit in TMDR0 is set to 1 and TGR0D is used as a buffer register, this
setting is invalid and input capture/output compare is not generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com