Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 725 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 725 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 721Page - Renesas Technology Corp SH7616 Datasheet HTML 722Page - Renesas Technology Corp SH7616 Datasheet HTML 723Page - Renesas Technology Corp SH7616 Datasheet HTML 724Page - Renesas Technology Corp SH7616 Datasheet HTML 725Page - Renesas Technology Corp SH7616 Datasheet HTML 726Page - Renesas Technology Corp SH7616 Datasheet HTML 727Page - Renesas Technology Corp SH7616 Datasheet HTML 728Page - Renesas Technology Corp SH7616 Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 699 of 906
REJ09B0292-0200
17.2.4
Timer Interrupt Enable Register (TIER)
Channel 0: TIER0
Bit:
76543210
—
—
—
TCIEV
TGIED
TGIEC
TGIEB
TGIEA
Initial value:
01000000
R/W:
R
R
R
R/W
R/W
R/W
R/W
R/W
Channel 1: TIER1
Channel 2: TIER2
Bit:
76543210
——
TCIEU
TCIEV
——
TGIEB
TGIEA
Initial value:
01000000
R/W:
R
R
R/W
R/W
R
R
R/W
R/W
The TIER registers are 8-bit registers that control enabling or disabling of interrupt requests for
each channel. The TPU has three TIER registers, one for each channel. The TIER registers are
initialized to H'40 by a reset.
Bit 7—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 6—Reserved: This bit is always read as 1. The write value should always be 1.
Bit 5—Underflow Interrupt Enable (TCIEU): Enables or disables interrupt requests (TCIU) by the
TCFU flag when the TCFU flag in TSR is set to 1 in channels 1 and 2.
In channel 0, bit 5 is reserved. It is always read as 0 and cannot be modified.
Bit 5: TCIEU
Description
0
Interrupt requests (TCIU) by TCFU disabled
(Initial value)
1
Interrupt requests (TCIU) by TCFU enabled
Bit 4—Overflow Interrupt Enable (TCIEV): Enables or disables interrupt requests (TCIV) by the
TCFV flag when the TCFV flag in TSR is set to 1.
Bit 4: TCIEV
Description
0
Interrupt requests (TCIV) by TCFV disabled
(Initial value)
1
Interrupt requests (TCIV) by TCFV enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com