Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 729 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 729 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 725Page - Renesas Technology Corp SH7616 Datasheet HTML 726Page - Renesas Technology Corp SH7616 Datasheet HTML 727Page - Renesas Technology Corp SH7616 Datasheet HTML 728Page - Renesas Technology Corp SH7616 Datasheet HTML 729Page - Renesas Technology Corp SH7616 Datasheet HTML 730Page - Renesas Technology Corp SH7616 Datasheet HTML 731Page - Renesas Technology Corp SH7616 Datasheet HTML 732Page - Renesas Technology Corp SH7616 Datasheet HTML 733Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 703 of 906
REJ09B0292-0200
Bit 2—Input Capture/Output Compare Flag C (TGFC): Status flag that indicates the occurrence of
TGRC input capture or compare match in channel 0.
In channels 1 and 2, bit 2 is reserved. It is always read as 0 and cannot be modified.
Bit 2: TGFC
Description
0
[Clearing conditions]
(Initial value)
• When DMAC is activated by TGIC interrupt while DRCR setting in DMAC is
TGI0C
• When 0 is written to TGFC after reading TGFC = 1
1
[Setting conditions]
• When TCNT = TGRC while TGRC is functioning as output compare
register
• When TCNT value is transferred to TGRC by input capture signal while
TGRC is functioning as input capture register
Bit 1—Input Capture/Output Compare Flag B (TGFB): Status flag that indicates the occurrence of
TGRB input capture or compare match.
Bit 1: TGFB
Description
0
[Clearing conditions]
(Initial value)
• When DMAC is activated by TGIB interrupt while DRCR setting in DMAC is
TGI0B
• When 0 is written to TGFB after reading TGFB = 1
1
[Setting conditions]
• When TCNT = TGRB while TGRB is functioning as output compare
register
• When TCNT value is transferred to TGRB by input capture signal while
TGRB is functioning as input capture register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com